전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS20C-P1C28-DB000 데이터시트(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 CS20C-P1C28-DB000
상세설명  Uniform high quality illumination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

CS20C-P1C28-DB000 데이터시트(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button CS20C-P1C28-DB000 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. CS20C-P1C28-DB000 Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DRAWING NO. : DS-83-11-0001
DATE : 2012-12-07
Page : 8
COB
LED
CS20C-P1C28-DB000
REV:A/1
(2)Please wear anti-static wrist strap and gloves to prevent ESD damage when handling.
●Packing Specification
CartonA(1pcs×16 = 16pcs )
Carton B (16pcs×2 = 32pcs)
DRAWING NO. : DS-83-11-0001
DATE : 2012-12-07
Page : 9


유사한 부품 번호 - CS20C-P1C28-DB000

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
CS20 IXYS-CS20 Datasheet
254Kb / 3P
   Phase Control Thyristor
logo
List of Unclassifed Man...
CS20 ETC2-CS20 Datasheet
811Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS20 CITIZEN-CS20 Datasheet
4Mb / 1P
   AT-CUT CRYSTAL UNIT
logo
IXYS Corporation
CS20-12IO1 IXYS-CS20-12IO1 Datasheet
254Kb / 3P
   Phase Control Thyristor
CS20-12IO1 IXYS-CS20-12IO1 Datasheet
390Kb / 5P
   Single Thyristor
More results

유사한 설명 - CS20C-P1C28-DB000

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
CS30C-P1C28-CC000 PARALIGHT-CS30C-P1C28-CC000 Datasheet
555Kb / 12P
   Uniform high quality illumination
CS40C-P1C28-CB000 PARALIGHT-CS40C-P1C28-CB000 Datasheet
539Kb / 12P
   Uniform high quality illumination
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com