전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDZ5.6B 데이터시트(PDF) 1 Page - Rohm

부품명 KDZ5.6B
상세설명  Voltage regulation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KDZ5.6B 데이터시트(HTML) 1 Page - Rohm

  KDZ5.6B Datasheet HTML 1Page - Rohm KDZ5.6B Datasheet HTML 2Page - Rohm KDZ5.6B Datasheet HTML 3Page - Rohm KDZ5.6B Datasheet HTML 4Page - Rohm KDZ5.6B Datasheet HTML 5Page - Rohm KDZ5.6B Datasheet HTML 6Page - Rohm KDZ5.6B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Zener Diode
KDZ series
lApplication
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
Voltage regulation
lFeatures
1) Small power mold type. (PMDU)
2) High ESD tolerance
lStructure
lConstruction
Silicon epitaxial planar
lTaping specifications
(Unit : mm)
lAbsolute maximum ratings
(Ta = 25°C)
Power dissipation
P
mW
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Unit
1000
150
-
55 to +150
Parameter
Symbol
Limits
PMDU
Anode
Cathode
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
1.2
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1.55  0.05
1.0  0.1
Manufacture Date
ROHM :
JEDEC : SOD-123
EX. KDZ10B
1/6
2013.11 - Rev.H


유사한 부품 번호 - KDZ5.6B

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
KDZ5.6B DIODES-KDZ5.6B Datasheet
128Kb / 5P
   Zener diode
logo
Rohm
KDZ5.6B ROHM-KDZ5.6B Datasheet
115Kb / 5P
   Zener diode
KDZ5.6B ROHM-KDZ5.6B Datasheet
116Kb / 5P
   Zener diode
KDZ5.6B ROHM-KDZ5.6B Datasheet
117Kb / 5P
   Voltage regulation
KDZ5.6B ROHM-KDZ5.6B Datasheet
116Kb / 5P
   Zener diode
More results

유사한 설명 - KDZ5.6B

제조업체부품명데이터시트상세설명
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com