전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6226 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L6226
상세설명  DMOS dual full bridge driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 4Page - STMicroelectronics L6226 Datasheet HTML 5Page - STMicroelectronics L6226 Datasheet HTML 6Page - STMicroelectronics L6226 Datasheet HTML 7Page - STMicroelectronics L6226 Datasheet HTML 8Page - STMicroelectronics L6226 Datasheet HTML 9Page - STMicroelectronics L6226 Datasheet HTML 10Page - STMicroelectronics L6226 Datasheet HTML 11Page - STMicroelectronics L6226 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
L6226
8/31
Doc ID 9452 Rev 4
3
Electrical characteristics
TA = 25 °C, VS = 48 V, unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSth(ON) Turn-on threshold
5.8
6.3
6.8
V
VSth(OFF) Turn-off threshold
5
5.5
6
V
IS
Quiescent supply current
All bridges OFF;
TJ = -25 °C to 125 °C
(1)
5
10
m
Tj(OFF)
Thermal shutdown temperature
165
°C
Output DMOS transistors
RDS(ON)
High-side + low-side switch ON
resistance
TJ = 25 °C
1.47
1.69
Ω
TJ =125 °C
(1)
2.35
2.70
IDSS
Leakage current
EN = Low; OUT = VS
2
mA
EN = Low; OUT = GND
-0.3
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.8A, EN = LOW
1.15
1.3
V
trr
Reverse recovery time
If = 1.4A
300
ns
tfr
Forward recovery time
200
ns
Logic input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND logic input voltage
-10
µA
IIH
High level logic input current
7V logic input voltage
10
µA
Vth(ON)
Turn-on input threshold
1.8
2.0
V
Vth(OFF) Turn-off input threshold
0.8
1.3
V
Vth(HYS) Input threshold hysteresis
0.25
0.5
V
Switching characteristics
tD(on)EN
Enable to out turn ON delay time (2)
ILOAD =1.4 A, resistive load
500
800
ns
tD(on)IN
Input to out turn ON delay time
ILOAD =1.4 A, resistive load
(dead time included)
1.9
µs
tRISE
Output rise time (2)
ILOAD =1.4A, resistive load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time (2)
ILOAD =1.4A, resistive load
500
800
1000
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD =1.4A, resistive load
500
800
1000
ns
tFALL
Output fall time (2)
ILOAD =1.4A, resistive load
40
250
ns


유사한 부품 번호 - L6226

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6226D STMICROELECTRONICS-L6226D Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6226N STMICROELECTRONICS-L6226N Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6226PD STMICROELECTRONICS-L6226PD Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
   DMOS dual full bridge driver
More results

유사한 설명 - L6226

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
   DMOS DUAL FULL BRIDGE DRIVER
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
   DMOS dual full bridge driver
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
   DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204 Datasheet
197Kb / 10P
   DMOS DUAL FULL BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com