전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2425N50ATI 데이터시트(PDF) 1 Page - Anaren Microwave

부품명 BD2425N50ATI
상세설명  Ultra Low Profile 0404 Balun for TI transceiver CC2500
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N50ATI 데이터시트(HTML) 1 Page - Anaren Microwave

  BD2425N50ATI Datasheet HTML 1Page - Anaren Microwave BD2425N50ATI Datasheet HTML 2Page - Anaren Microwave BD2425N50ATI Datasheet HTML 3Page - Anaren Microwave BD2425N50ATI Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model BD2425N50ATI
Rev A
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 2392 232392 Fax: (+44) 2392 251369
Ultra Low Profile 0404 Balun
for TI transceiver CC2500
50
to 127+j34
Balanced
(Anaren Application Note Ann-2003)
Description
The BD2425N50ATI is a low cost, low profile sub-miniature unbalanced to
balanced transformer designed for differential inputs and output locations on modern
chipsets in an easy to use surface mount package. The BD2425N50ATI is ideal for
high volume manufacturing and delivers higher performance than traditional ceramic
baluns. The BD2425N50ATI has an unbalanced port impedance of 50Ω and 127+
j34Ω balanced port impedance. This transformation enables single ended signals to
be applied to differential ports on modern integrated chipsets. The output ports have
equal amplitude (-3dB) with 180 degree phase differential. The BD2425N50ATI is
available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2300
2600
MHz
Unbalanced Port Impedance**
50
Balanced Port Impedance**
127+j34
Return Loss**
13
17
dB
Insertion Loss* **
0.4
0.6
dB
Power Handling
1
TBD
Watts
Features:
2400 – 2500 MHz
0.65mm Height Profile
50 Ohm to 2 x 63.5+j17 Ohm
Low Insertion Loss
Surface Mountable
Tape & Reel
Non-conductive Surface
RoHS Compliant
Zigbee
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
* Stated performance assumes proper matching network found in application note: ANN-2003
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041
+.003
-.002
[1.05+0.08
-0.06
]
.041
+.003
-.002
[1.05+0.08
-0.06
]
.024±.0025
[0.62±0.064]
4X .020 [0.50]
Balanced Port
3x.010
[0.25]
3x.010
[0.25]
0.12 [0.30]
.012 [0.30]


유사한 부품 번호 - BD2425N50ATI

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N50ATI ANAREN-BD2425N50ATI Datasheet
254Kb / 3P
   Ultra Low Profile 0404 Balun for TI transceiver CC2500 50. to 127j34. Balanced
More results

유사한 설명 - BD2425N50ATI

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N50ATI ANAREN-BD2425N50ATI Datasheet
254Kb / 3P
   Ultra Low Profile 0404 Balun for TI transceiver CC2500 50. to 127j34. Balanced
BD2425N100ATI ANAREN-BD2425N100ATI Datasheet
2Mb / 4P
   Impedance Matched Ultra Low profile 0404 Balun for TI CC2530 chipset
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD2425NNRF ANAREN-BD2425NNRF Datasheet
252Kb / 4P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com