전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4972DY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4972DY
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4972DY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4972DY Datasheet HTML 1Page - Vishay Siliconix SI4972DY Datasheet HTML 2Page - Vishay Siliconix SI4972DY Datasheet HTML 3Page - Vishay Siliconix SI4972DY Datasheet HTML 4Page - Vishay Siliconix SI4972DY Datasheet HTML 5Page - Vishay Siliconix SI4972DY Datasheet HTML 6Page - Vishay Siliconix SI4972DY Datasheet HTML 7Page - Vishay Siliconix SI4972DY Datasheet HTML 8Page - Vishay Siliconix SI4972DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 73849
S09-0138-Rev. D, 02-Feb-09
Vishay Siliconix
Si4972DY
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch 1
30
V
VGS = 0 V, ID = 250 µA
Ch 2
30
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
Ch 1
35
mV/°C
ID = 250 µA
Ch 2
35
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
Ch 1
- 6.5
ID = 250 µA
Ch 2
- 6.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch 1
1.5
3.0
V
VDS = VGS, ID = 250 µA
Ch 2
1.5
3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch 1
100
nA
Ch 2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch 1
1
µA
VDS = 30 V, VGS = 0 V
Ch 2
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch 1
10
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch 2
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch 1
10
A
VDS = 5 V, VGS = 10 V
Ch 2
10
Drain-Source On-State
Resistanceb
RDS(on)
VGS = 10 V, ID = 6 A
Ch 1
0.012
0.0145
Ω
VGS = 10 V, ID = 4.5 A
Ch 2
0.022
0.0265
VGS = 4.5 V, ID = 5.6 A
Ch 1
0.016
0.0195
VGS = 4.5 V, ID = 4 A
Ch 2
0.030
0.036
Forward Transconductanceb
gfs
VDS = 15 V, ID = 6 A
Ch 1
27
S
VDS = 15 V, ID = 4.5 A
Ch 2
20
Dynamica
Input Capacitance
Ciss
Channel 1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel 2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch 1
1080
pF
Ch 2
515
Output Capacitance
Coss
Ch 1
170
Ch 2
91
Reverse Transfer Capacitance
Crss
Ch 1
72
Ch 2
38
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 5 A
Ch 1
18.5
28
nC
VDS = 15 V, VGS = 10 V, ID = 5 A
Ch 2
9.6
15
Channel 1
VDS = 15 V, VGS = 4.5 V, ID = 5 A
Channel 2
VDS = 15 V, VGS = 4.5 V, ID = 5 A
Ch 1
8.3
13
Ch 2
4
6
Gate-Source Charge
Qgs
Ch 1
3.9
Ch 2
1.9
Gate-Drain Charge
Qgd
Ch 1
2.7
Ch 2
1.3
Gate Resistance
Rg
f = 1 MHz
Ch 1
2.5
3.8
Ω
Ch 2
2.9
4.4


유사한 부품 번호 - SI4972DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4972DY VISHAY-SI4972DY Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4972DY VISHAY-SI4972DY_V01 Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4972DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com