전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD1722J5050D2HF 데이터시트(PDF) 2 Page - Anaren Microwave

부품명 PD1722J5050D2HF
상세설명  Ultra Low Profile 0805 Power Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD1722J5050D2HF 데이터시트(HTML) 2 Page - Anaren Microwave

  PD1722J5050D2HF Datasheet HTML 1Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 2Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 3Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 4Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 5Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model PD1722J5050D2HF
Rev A
Typical Broadband Performance: 500 MHz. to 6.0 GHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Fre que ncy [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
Isolation
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Fre quency [MHz]


유사한 부품 번호 - PD1722J5050D2HF

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
339Kb / 5P
   Ultra Low Profile 0805 Power Divider
More results

유사한 설명 - PD1722J5050D2HF

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD0409J7575S2HF ANAREN-PD0409J7575S2HF Datasheet
351Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD1722J5050S2HF ANAREN-PD1722J5050S2HF Datasheet
343Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD2328J5050S2HF ANAREN-PD2328J5050S2HF Datasheet
222Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD3150J5050S2 ANAREN-PD3150J5050S2_14 Datasheet
351Kb / 7P
   Ultra Low Profile 0805 Power Divider
PD0810J5050S2 ANAREN-PD0810J5050S2_14 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider
PD1722J5050S3HF ANAREN-PD1722J5050S3HF Datasheet
357Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD2425J5050S2HF ANAREN-PD2425J5050S2HF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Power Divider
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
339Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD0922J5050D2HF ANAREN-PD0922J5050D2HF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Power Divider
PD0922J5050S2HF ANAREN-PD0922J5050S2HF Datasheet
346Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD0922J7575D2 ANAREN-PD0922J7575D2_14 Datasheet
354Kb / 7P
   Ultra Low Profile 0805 Power Divider
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com