전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBD11ED8ABFB 데이터시트(PDF) 5 Page - Elpida Memory

부품명 EBD11ED8ABFB
상세설명  1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11ED8ABFB 데이터시트(HTML) 5 Page - Elpida Memory

  EBD11ED8ABFB Datasheet HTML 1Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 2Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 3Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 4Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 5Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 6Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 7Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 8Page - Elpida Memory EBD11ED8ABFB Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EBD11ED8ABFB
Preliminary Data Sheet E0295E20 (Ver. 2.0)
5
Serial PD Matrix
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
0
1
1
1
07H
DDR SDRAM
3
Number of row address
0
0
0
0
1
1
0
1
0DH
13
4
Number of column address
0
0
0
0
1
0
1
1
0BH
11
5
Number of DIMM banks
0
0
0
0
0
0
1
0
02H
2
6
Module data width
0
1
0
0
1
0
0
0
48H
72 bits
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04H
SSTL2
9
DDR SDRAM cycle time, CL = 2.5
-6B
0
1
1
0
0
0
0
0
60H
6.0ns*
1
-7A, -7B
0
1
1
1
0
1
0
1
75H
7.5ns*
1
10
SDRAM access from clock (tAC)
-6B
0
1
1
1
0
0
0
0
70H
0.7ns*
1
-7A, -7B
0
1
1
1
0
1
0
1
75H
0.75ns*
1
11
DIMM configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.6
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0EH
2,4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
0
0
1
1
0
0
0CH
2, 2.5
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
1
0
02H
1
21
SDRAM module attributes
0
0
1
0
0
0
0
0
20H
Differential
Clock
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0H
VDD ± 0.2V
23
Minimum clock cycle time at CL = 2
-6B, -7A
0
1
1
1
0
1
0
1
75H
7.5ns*
1
-7B
1
0
1
0
0
0
0
0
A0H
10ns*
1
24
Maximum data access time (tAC) from
clock at CL = 2
-6B
0
1
1
1
0
0
0
0
70H
0.7ns*
1
-7A, -7B
0
1
1
1
0
1
0
1
75H
0.75ns*
1
25 to 26
0
0
0
0
0
0
0
0
00H
27
Minimum row precharge time (tRP)
-6B
0
1
0
0
1
0
0
0
48H
18ns
-7A, -7B
0
1
0
1
0
0
0
0
50H
20ns


유사한 부품 번호 - EBD11ED8ABFB

제조업체부품명데이터시트상세설명
logo
Elpida Memory
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA-7A ELPIDA-EBD11ED8ABFA-7A Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA-7B ELPIDA-EBD11ED8ABFA-7B Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
More results

유사한 설명 - EBD11ED8ABFB

제조업체부품명데이터시트상세설명
logo
Elpida Memory
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11UD8ADFB-5 ELPIDA-EBD11UD8ADFB-5 Datasheet
182Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11UD8ADFB ELPIDA-EBD11UD8ADFB Datasheet
187Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
EBD11UD8ADDA ELPIDA-EBD11UD8ADDA Datasheet
205Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com