전자부품 데이터시트 검색엔진 |
|
SL1011A470 데이터시트(PDF) 5 Page - Littelfuse |
|
SL1011A470 데이터시트(HTML) 5 Page - Littelfuse |
5 / 6 page ©2010 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 51 Revised: June 28, 2010 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1011A/B and SL1411A Series SL1011A/B and SL1411A Series Packaging Dimensions For 'A' Type Axial Lead Items For 'SM' Type Surface Mount Items (SL1411A series only) For 'C' Type Core Items: Packed in plastic bag (500 pcs) 22.8 [0.898] 52.4 +2 –1 [2.063 ] +0.079 –0.039 6 ± 1 [0.236 ± 0.039] < 0.7 Max. < 1.2 Max. Lead Bend 10 ± 0.5 Pitch [0.394 ± 0.020] 16 +0.3 / -0.1 [0.630 +0.012 / -0.004] 7.5 ± 0.1 [0.295 ± 0.004] 8.5 ± 0.1 [0.335 ± 0.004] 1.75 ± 0.1 [0.069 ± 0.004] 1.5 DIA. MAX. [0.059] 1.5 DIA. MAX. [0.059] 12 ± 0.1 [0.472 ± 0.004] 8.6 ± 0.1 [0.339 ± 0.004] 0.4 ± 0.05 [0.016 ± 0.002] 10x4 ± 0.1 = 40 ± 0.2 [10x0.157 ± 0.004 = 1.575 ± 0.008] 4 ± 0.1 [0.157 ± 0.004] Direction of Feed 17.7 [0.697] 275.0 [10.83] 100.0 [3.94] 25.0 [0.98] 76.0 [2.99] Direction of Feed 254.0 - 356.0 [10.0 - 14.0] 77.0 Max. [3.03] Dimensions are in millimeters [and inches] Dimensions are in millimeters [and inches] Dimensions are in millimeters [and inches] Dimensions are in millimeters [and inches] |
유사한 부품 번호 - SL1011A470 |
|
유사한 설명 - SL1011A470 |