전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-361E-O 데이터시트(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-361E-O
상세설명  0.36 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-361E-O 데이터시트(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-361E-O Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.36
INCH
SINGLE
DIGIT
DISPLAY
A-361E-O G/W
REV:A / 0
FEATURES
Û
9.14mm (0.36 inch ) DIGIT HEIGHT
Û
EXCELLENT CHARACTER APPEARANCE
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û GRAY FACE,WHITE SEGMENTS
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
HI.EFFI RED
UNIT
PD
Power Dissipation Per Segment
75
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
25
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25
BC Per Segment
0.33
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN.
TYP.
MAX. UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
2.1
2.8
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
632
nm
lD
Dominant Wavelength
IF = 20mA
622
nm
Δl
Spectral Line Half-Width
IF = 20mA
35
nm
IV
Luminous Intensity Per Segment
IF = 10mA
0.72
1.8
mcd
BIN CODE ( IF = 10mA )
BIN
CODE
C
D
E
F
G
H
IV(mcd)
0.72-0.97 0.98-1.34
1.35-1.87
1.88-2.51
2.52-3.35
3.36-4.50
TOLERANCE IS:
±15%
DRAWING NO. : DS-11-10-0066G-1
DATE : 2010-11-03
Page : 3
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-361E-O

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-361E ETC-A-361E Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-361E-O

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361SR PARALIGHT-C-361SR Datasheet
193Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618A9 CHINASEMI-CSS-3618A9 Datasheet
188Kb / 7P
   0.36 Inch Single Digit Display
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618S CHINASEMI-CSS-3618S Datasheet
188Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618G CHINASEMI-CSS-3618G Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618T9 CHINASEMI-CSS-3618T9 Datasheet
189Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361E PARALIGHT-C-361E Datasheet
198Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
C-361G PARALIGHT-C-361G Datasheet
188Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com