전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-361E-O 데이터시트(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-361E-O
상세설명  0.36 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-361E-O 데이터시트(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-361E-O Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.36
INCH
SINGLE
DIGIT
DISPLAY
A-361E-O G/W
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-10-0066G-1
DATE : 2010-11-03
Page : 8
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-361E-O

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-361E ETC-A-361E Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-361E-O

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361SR PARALIGHT-C-361SR Datasheet
193Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618A9 CHINASEMI-CSS-3618A9 Datasheet
188Kb / 7P
   0.36 Inch Single Digit Display
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618S CHINASEMI-CSS-3618S Datasheet
188Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618G CHINASEMI-CSS-3618G Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618T9 CHINASEMI-CSS-3618T9 Datasheet
189Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361E PARALIGHT-C-361E Datasheet
198Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
C-361G PARALIGHT-C-361G Datasheet
188Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com