전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22313WFU10Z-TK 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL22313WFU10Z-TK
상세설명  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313WFU10Z-TK 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL22313WFU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22313WFU10Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6421.0
July 17, 2007
SERIAL INTERFACE SPECS
VIL
A1, A0, SDA, and SCL input buffer
LOW voltage
-0.3
0.3*VCC
V
VIH
A1, A0, SDA, and SCL input buffer
HIGH voltage
0.7*VCC
VCC +0.
3
V
Hysteresis
(Note 16)
SDA and SCL input buffer hysteresis
0.05*VCC
V
VOL
(Note 16)
SDA output buffer LOW voltage,
sinking 4mA
00.4
V
Cpin
(Note 16)
A1, A0, SDA, and SCL pin
capacitance
10
pF
fSCL
SCL frequency
400
kHz
tsp
Pulse width suppression time at SDA
and SCL inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
(Note 16)
SCL falling edge to SDA output data
valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
(Note 16)
Time the bus must be free before the
start of a new transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START condition setup time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START condition hold time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input data setup time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input data hold time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP condition setup time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP condition hold time for read, or
volatile only write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
(Note 16)
Output data hold time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
(Note 16)
SDA and SCL rise time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
tF
(Note 16)
SDA and SCL fall time
From 70% to 30% of VCC
20 +
0.1 * Cb
250
ns
Cb
(Note 16)
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
(Note 16)
SDA and SCL bus pull-up resistor
off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2k
Ω~2.5kΩ
For Cb = 40pF, max is about 15k
Ω~20kΩ
1k
Ω
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ISL22313


유사한 부품 번호 - ISL22313WFU10Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22313WFU10Z INTERSIL-ISL22313WFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313WFU10Z INTERSIL-ISL22313WFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313WFU10Z RENESAS-ISL22313WFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

유사한 설명 - ISL22313WFU10Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com