전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22313UFU10Z 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL22313UFU10Z
상세설명  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313UFU10Z 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL22313UFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6421.0
July 17, 2007
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
Typical Performance Curves (Continued)
0
0.4
0.8
1.2
1.6
2.0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 2.25V
VCC = 5.5V
50k
10k
-5
-4
-3
-2
-1
0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 5.5V
10k
50k
VCC = 2.25V
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25ºC
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25ºC
VCC = 2.25V
-0.40
0.00
0.40
0.80
1.20
1.60
-40
0
40
80
120
10k
50k
5.5V
2.25V
TEMPERATURE (ºC)
0
40
80
120
160
200
16
66
116
166
TAP POSITION (DECIMAL)
50k
10k
216
266
ISL22313


유사한 부품 번호 - ISL22313UFU10Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313UFU10Z RENESAS-ISL22313UFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

유사한 설명 - ISL22313UFU10Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com