전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4R512FKE6D-653 데이터시트(PDF) 10 Page - Elpida Memory

부품명 MC-4R512FKE6D-653
상세설명  Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKE6D-653 데이터시트(HTML) 10 Page - Elpida Memory

Back Button MC-4R512FKE6D-653 Datasheet HTML 6Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 7Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 8Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 9Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 10Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 11Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 12Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 13Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
E0077N20 (Ver 2.0)
10
MC-4R512FKE6D
RIMM Module Current Profile
IDD
RIMM module power conditions
Note1
MAX.
Unit
IDD1
One RDRAM in Read
Note2, balance in NAP mode
-845
693
mA
-745
643
-653
583
IDD2
One RDRAM in Read
Note2, balance in Standby mode
-845
1980
mA
-745
1780
-653
1570
IDD3
One RDRAM in Read
Note2, balance in Active mode
-845
2655
mA
-745
2455
-653
2245
IDD4
One RDRAM in Write, balance in NAP mode
-845
783
mA
-745
733
-653
683
IDD5
One RDRAM in Write, balance in Standby mode
-845
2070
mA
-745
1870
-653
1670
IDD6
One RDRAM in Write, balance in Active mode
-845
2745
mA
-745
2545
-653
2345
Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Power does not include Refresh Current.
2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x16 need to add 257 mA for the
following :
VDD = 2.5 V, VTERM = 1.8 V, VREF = 1.4 V and VDIL = VREF
0.5 V.


유사한 부품 번호 - MC-4R512FKE6D-653

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R512FKE6D-840 ELPIDA-MC-4R512FKE6D-840 Datasheet
130Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
More results

유사한 설명 - MC-4R512FKE6D-653

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R512FKE6D-840 ELPIDA-MC-4R512FKE6D-840 Datasheet
130Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R512FKE8D ELPIDA-MC-4R512FKE8D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
MC-4R512FKE8D-840 ELPIDA-MC-4R512FKE8D-840 Datasheet
129Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com