전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4R64FKE6D-745 데이터시트(PDF) 8 Page - Elpida Memory

부품명 MC-4R64FKE6D-745
상세설명  Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R64FKE6D-745 데이터시트(HTML) 8 Page - Elpida Memory

Back Button MC-4R64FKE6D-745 Datasheet HTML 4Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 9Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 10Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 11Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet E0092N20 (Ver. 2.0)
8
MC-4R64FKE6D
Electrical Specification
Absolute Maximum Ratings
Symbol
Parameter
MIN.
MAX.
Unit
VI,ABS
Voltage applied to any RSL or CMOS signal pad with respect to GND
−0.3
VDD + 0.3
V
VDD,ABS
Voltage on VDD with respect to GND
−0.5
VDD + 1.0
V
TSTORE
Storage temperature
−50
+100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Recommended Electrical Conditions
Symbol
Parameter and conditions
MIN.
MAX.
Unit
VDD
Supply voltage
2.50
− 0.13
2.50 + 0.13
V
VCMOS
CMOS I/O power supply at pad
2.5V controllers
2.5
− 0.13
2.5 + 0.25
V
1.8V controllers
1.8
− 0.1
1.8 + 0.2
VREF
Reference voltage
1.4
− 0.2
1.4 + 0.2
V
VIL
RSL input low voltage
VREF
− 0.5
VREF
− 0.2
V
VIH
RSL input high voltage
VREF + 0.2
VREF + 0.5
V
VIL,CMOS
CMOS input low voltage
−0.3
0.5VCMOS
− 0.25
V
VIH,CMOS
CMOS input high voltage
0.5VCMOS+0.25
VCMOS + 0.3
V
VOL,CMOS
CMOS output low voltage, IOL,CMOS = 1 mA
0.3
V
VOH,CMOS
CMOS output high voltage, IOH,CMOS =
−0.25 mA
VCMOS
− 0.3
V
IREF
VREF current, VREF,MAX
−20.0
+20.0
µA
ISCK,CMD
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−20.0
+20.0
µA
ISIN,SOUT
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−10.0
+10.0
µA


유사한 부품 번호 - MC-4R64FKE6D-745

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results

유사한 설명 - MC-4R64FKE6D-745

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com