전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDR26 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 ADDR26
상세설명  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR26 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ADDR26 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADDR26 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Sys t e m Bus in te rface
ww w.d i gi .c om
7
ADDR20
N8 U
I/O
4
ADDR19
P8 U
I/O
4
ADDR18
M7 U
I/O
4
ADDR17
R7 U
I/O
4
ADDR16
N7 U
I/O
4
ADDR15
R6 U
I/O
4
ADDR14
M6 U
I/O
4
ADDR13
P6 U
I/O
4
ADDR12
N6 U
I/O
4
ADDR11
M5 U
I/O
4
ADDR10
P5 U
I/O
4
ADDR9
N5 U
I/O
4
ADDR8
R4 U
I/O
4
ADDR7
R3 U
I/O
4
ADDR6
R2 U
I/O
4
ADDR5
M4 U
I/O
4
ADDR4
N4 U
I/O
4
ADDR3
R1 U
I/O
4
ADDR2
M3 U
I/O
4
ADDR1
N2 U
I/O
4
ADDR0
P1 U
I/O
4
DATA31
N1
I/O
4
Data bus
DATA30
M1
I/O
4
DATA29
L3
I/O
4
DATA28
L2
I/O
4
DATA27
L4
I/O
4
DATA26
L1
I/O
4
DATA25
K3
I/O
4
DATA24
K2
I/O
4
DATA23
K1
I/O
4
DATA22
J2
I/O
4
DATA21
J3
I/O
4
DATA20
J1
I/O
4
Symbol
Pin
I/O
OD
Description


유사한 부품 번호 - ADDR26

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADDR1333C4G9 ETC1-ADDR1333C4G9 Datasheet
741Kb / 16P
   DDR3-1333(CL9) 240-Pin R-DIMM 4GB (512M x 72-bits)
logo
A-Data Technology
ADDR1600W4G11 A-DATA-ADDR1600W4G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDR1600W8G11 A-DATA-ADDR1600W8G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDR1600Y16G11 A-DATA-ADDR1600Y16G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
More results

유사한 설명 - ADDR26

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900542 PHOENIX-2900542 Datasheet
158Kb / 6P
   The figure shows the 9 A version
2900552 PHOENIX-2900552 Datasheet
168Kb / 6P
   The figure shows the 9 A version
2900559 PHOENIX-2900559 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900573 PHOENIX-2900573 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900688 PHOENIX-2900688 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900142 PHOENIX-2900142 Datasheet
81Kb / 3P
   The figure shows the 14-pos. version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com