전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8194 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8194
상세설명  Buffered 2:1 TMDS Switch with Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8194 데이터시트(HTML) 3 Page - Analog Devices

  AD8194 Datasheet HTML 1Page - Analog Devices AD8194 Datasheet HTML 2Page - Analog Devices AD8194 Datasheet HTML 3Page - Analog Devices AD8194 Datasheet HTML 4Page - Analog Devices AD8194 Datasheet HTML 5Page - Analog Devices AD8194 Datasheet HTML 6Page - Analog Devices AD8194 Datasheet HTML 7Page - Analog Devices AD8194 Datasheet HTML 8Page - Analog Devices AD8194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8194
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate (DR) per Channel
NRZ
2.25
Gbps
Bit Error Rate (BER)
10−9
Added Deterministic Jitter
10
ps (p-p)
Added Random Jitter
1
ps (rms)
Differential Intrapair Skew
At output
1
ps
Differential Interpair Skew1
At output
30
ps
EQUALIZATION PERFORMANCE
Receiver
Boost frequency = 1.125 GHz
12
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
150
1200
mV
Input Common-Mode Voltage (VICM)
AVCC − 800
AVCC
mV
OUTPUT CHARACTERISTICS
High Voltage Level
Single-ended high speed channel
AVCC
mV
Low Voltage Level
Single-ended high speed channel
AVCC − 600
AVCC − 400
mV
Rise/Fall Time (20% to 80%)
75
178
ps
TERMINATION
Input Resistance
Single-ended
50
Ω
Output Resistance
Single-ended
50
Ω
POWER SUPPLY
AVCC
Operating range
3
3.3
3.6
V
QUIESCENT CURRENT2
AVCC
50
70
mA
VTTI
40
54
mA
VTTO
40
65
mA
POWER DISSIPATION3
429
mW
SOURCE SELECT INTERFACE
Input High Voltage (VIH)
S_SEL
2
V
Input Low Voltage (VIL)
S_SEL
0.8
V
1 Differential interpair skew is measured between the TMDS pairs of a single link.
2 Typical value assumes only the selected HDMI/DVI link is active with nominal signal swings and that the unselected HDMI/DVI link is deactivated. Minimum and
maximum limits are measured at the respective extremes of input termination resistance and input voltage swing.
3 The total power dissipation excludes power dissipated in the 50 Ω off-chip loads.


유사한 부품 번호 - AD8194

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8194 AD-AD8194 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194-EVALZ AD-AD8194-EVALZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ AD-AD8194ACPZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ-R7 AD-AD8194ACPZ-R7 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
More results

유사한 설명 - AD8194

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com