전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSC3420 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 CSC3420
상세설명  NPN EPITAXIAL SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC3420 데이터시트(HTML) 1 Page - Continental Device India Limited

  CSC3420 Datasheet HTML 1Page - Continental Device India Limited CSC3420 Datasheet HTML 2Page - Continental Device India Limited CSC3420 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC3420
TO-126
Plastic Package
Strobe Flash and Medium Power Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCES
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current (DC)
IC
A
Collector Current (Pulse)
*ICP
A
Base Current
IB
A
Collector Power Dissipation Ta=25ºC
PC
W
Collector Power Dissipation Tc=25ºC
PC
W
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=40V, IE=0
100
nA
Emitter Cut Off Current
IEBO
VEB=8V, IC=0
100
nA
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
20
V
DC Current Gain
hFE
*VCE=2V, IC=0.5A
140
600
VCE=2V, IC=4A
70
Collector Emitter Saturation Voltage
VCE (sat)
IC=4A, IB=0.1A
1.0
V
Base Emitter On Voltage
VBE (on)
VCE=2V, IC=4A
1.5
V
Transition Frequency
fT
VCE=2V, IC=0.5A
100
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
40
pF
*hFE Classification
CSC3420Rev150606E
*Pulse Width : Pulse Width=10ms, Duty Cycle=30%
Value
50
20
8.0
- 55 to +150
Y : 140 - 240 ,
GR : 200 - 400 :
BL : 300 - 600
40
150
10
5.0
8.0
1.0
1.5
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - CSC3420

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
CSC3039 CDIL-CSC3039 Datasheet
61Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC3063 CDIL-CSC3063 Datasheet
72Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC3198 CDIL-CSC3198 Datasheet
259Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC3255 CDIL-CSC3255 Datasheet
118Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
Rectron Semiconductor
CSC3255S RECTRON-CSC3255S Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

유사한 설명 - CSC3420

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC3063 CDIL-CSC3063 Datasheet
72Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
766Kb / 3P
   NPN Silicon Epitaxial Power Transistor
logo
SEMTECH ELECTRONICS LTD...
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
   NPN Silicon Epitaxial Power Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com