전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF3708 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF3708
상세설명  High Frequency Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF3708 데이터시트(HTML) 3 Page - International Rectifier

  IRF3708 Datasheet HTML 1Page - International Rectifier IRF3708 Datasheet HTML 2Page - International Rectifier IRF3708 Datasheet HTML 3Page - International Rectifier IRF3708 Datasheet HTML 4Page - International Rectifier IRF3708 Datasheet HTML 5Page - International Rectifier IRF3708 Datasheet HTML 6Page - International Rectifier IRF3708 Datasheet HTML 7Page - International Rectifier IRF3708 Datasheet HTML 8Page - International Rectifier IRF3708 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF3708/3708S/3708L
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°


V
=
I =
GS
D
10V
62A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.7V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10.0V
5.0V
4.5V
4.0V
3.5V
3.3V
3.0V
BOTTOM
2.7V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.7V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10.0V
5.0V
4.5V
4.0V
3.5V
3.3V
3.0V
BOTTOM
2.7V
10
100
1000
2.0
3.0
4.0
5.0
6.0

V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 175 C
J
°


유사한 부품 번호 - IRF3708

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
   High Frequency DC-DC Isolated Converters
logo
Inchange Semiconductor ...
IRF3708 ISC-IRF3708 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3708L IRF-IRF3708L Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
logo
Kersemi Electronic Co.,...
IRF3708L KERSEMI-IRF3708L Datasheet
1Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com