전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1731TS 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 TEA1731TS
상세설명  GreenChip SMPS control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1731TS 데이터시트(HTML) 1 Page - NXP Semiconductors

  TEA1731TS Datasheet HTML 1Page - NXP Semiconductors TEA1731TS Datasheet HTML 2Page - NXP Semiconductors TEA1731TS Datasheet HTML 3Page - NXP Semiconductors TEA1731TS Datasheet HTML 4Page - NXP Semiconductors TEA1731TS Datasheet HTML 5Page - NXP Semiconductors TEA1731TS Datasheet HTML 6Page - NXP Semiconductors TEA1731TS Datasheet HTML 7Page - NXP Semiconductors TEA1731TS Datasheet HTML 8Page - NXP Semiconductors TEA1731TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The TEA1731TS is a low cost Switched Mode Power Supply (SMPS) controller IC
intended for flyback topologies. The TEA1731TS operates in peak current and frequency
control mode. Frequency jitter has been implemented to reduce ElectroMagnetic
Interference (EMI). Slope compensation is integrated for Continuous Conduction Mode
(CCM) operation.
The TEA1731TS IC features OverPower Protection (OPP). The controller accepts an
overpower situation for a limited amount of time.
One pin is reserved for protection purposes. OverTemperature Protection (OTP) can be
implemented with a minimal number of external components.
At low-power levels, the primary peak current is set to 25 % of the maximum peak current.
The switching frequency is reduced to limit the switching losses. The combination of fixed
frequency operation at high output power and frequency reduction at low output power
provides high efficiency over the total load range.
The TEA1731TS makes the design of low cost, highly efficient and reliable supplies for
power requirements up to 75 W easier by requiring a minimum number of external
components.
2.
Features and benefits
SMPS controller IC enabling low-cost applications
Large input voltage range (12 V to 30 V)
Integrated OverVoltage Protection (OVP) on VCC
Very low supply current during start-up and restart (10
A typical)
Low supply current during normal operation (0.58 mA typical without load)
Internal overpower time-out
Overpower or high/low line compensation (NXP patent: 81421271EP01)
Fixed switching frequency with frequency jitter to reduce EMI
Frequency reduction at medium power operation to maintain high efficiency
Frequency reduction with fixed minimum peak current to maintain high efficiency at
low output power levels
Frequency increase at peak power operation
Slope compensation for CCM operation
Adjustable soft start
Low and adjustable OverCurrent Protection (OCP) trip level
TEA1731TS
GreenChip SMPS control IC
Rev. 2.1 — 16 August 2012
Product data sheet


유사한 부품 번호 - TEA1731TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1731LTS PHILIPS-TEA1731LTS Datasheet
244Kb / 19P
   GreenChip SMPS control IC
Rev. 2-16 August 2012
More results

유사한 설명 - TEA1731TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com