전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4999EIJT 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TS4999EIJT
상세설명  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999EIJT 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TS4999EIJT Datasheet HTML 5Page - STMicroelectronics TS4999EIJT Datasheet HTML 6Page - STMicroelectronics TS4999EIJT Datasheet HTML 7Page - STMicroelectronics TS4999EIJT Datasheet HTML 8Page - STMicroelectronics TS4999EIJT Datasheet HTML 9Page - STMicroelectronics TS4999EIJT Datasheet HTML 10Page - STMicroelectronics TS4999EIJT Datasheet HTML 11Page - STMicroelectronics TS4999EIJT Datasheet HTML 12Page - STMicroelectronics TS4999EIJT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TS4999
Electrical characteristics
9/36
.
Table 9.
VCC = +3.6V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, both channels
3.5
5.5
mA
ISTANDBY Standby current
No input signal, Vstdby = GND
1
2
μA
Voo
Output offset voltage
Floating inputs, RL = 8
Ω, G = 3.5dB,
3D effect off
20
mV
Po
Output power
THD = 1% max, F = 1kHz, RL = 4Ω
1.15
W
THD = 1% max, F = 1kHz, RL = 8Ω
0.7
THD = 10% max, F = 1kHz, RL = 4Ω
1.45
W
THD = 10% max, F = 1kHz, RL = 8Ω
0.86
W
THD+N
Total harmonic distortion +
noise
Po = 0.45W/Ch, G = 6dB, F=1kHz,
RL = 8Ω
0.15
%
Efficiency Efficiency per channel
Po = 1.15 WRMS, RL = 4Ω +15µH
82
%
Po = 0.7 WRMS, RL = 8Ω + 15µH
89
PSRR
Power supply rejection ratio
with inputs grounded
Cin = 1µF
(1),3D effects off
F = 217Hz, RL = 8Ω, gain = 6dB,
Vripple = 200mVpp, inputs grounded
64
dB
Crosstalk Channel separation
F = 1kHz, RL = 8Ω,
3D effects off
102
dB
CMRR
Common mode rejection
ratio
Cin=1µF, F = 217Hz, RL = 8Ω, gain = 6dB,
ΔVIC = 200mVpp, 3D effects off
55
dB
Gain
Gain value with no load
G1 = G0 = "0"
3
3.5
4
dB
G1 = "0" & G0 = "1"
5.5
6
6.5
G1 = "1" & G0 = "0"
9
9.5
10
G1 = G0 = "1"
11.5
12
12.5
ZIN
Single-ended input
impedance referred to GND
G1 = G0 = 3D = "0" or
G1 = "0" & G0 = "1" & 3D = "0" or
G1 = "1" & G0 = "0" & 3D = "0"
24
30
36
k
Ω
G1 = "1" & G0 = "1" & 3D = "0"
12
15
18
k
Ω
G1 = G0 = "0" & 3D = "1" or
G1 = "0" & G0 = "1" & 3D = "1" or
G1 = "1" & G0 = "0" & 3D = "1"
13.5
17.1
20.5
k
Ω
G1 = "1" & G0 = "1" & G3D = "1"
6.5
8.6
10.5
k
Ω
FPWM
Pulse width modulator
base frequency
190
280
370
kHz
SNR
Signal to noise ratio
Po = 0.67W, A-weighting, RL = 8Ω,
Gain = 6dB, 3D effects OFF
97
dB
tWU
Wake-up time
Total wake-up time(2)
7.5
11.3
15
ms


유사한 부품 번호 - TS4999EIJT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
More results

유사한 설명 - TS4999EIJT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
   Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com