전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101CW 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SD101CW
상세설명  Plastic-Encapsulate Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD101CW 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD101CW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD101CW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD101AW/SD101BW/SD101CW
Voltage: 40V~60V
Plastic-Encapsulate Schottky Diodes
10-Nov-2009 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


유사한 부품 번호 - SD101CW

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
SD101CW CHENDA-SD101CW Datasheet
322Kb / 3P
   Schottky Barrier Diode
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Weitron Technology
SD101CW WEITRON-SD101CW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
SD101CW JIANGSU-SD101CW Datasheet
785Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

유사한 설명 - SD101CW

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
   Schottky Diodes Plastic-Encapsulate Diodes
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS_15 Datasheet
121Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS Datasheet
121Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
   150mW Plastic-Encapsulate Schottky Barrier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com