전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3500 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 2N3500
상세설명  NPN SILICON PLANAR RF TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3500 데이터시트(HTML) 2 Page - Continental Device India Limited

  2N3500 Datasheet HTML 1Page - Continental Device India Limited 2N3500 Datasheet HTML 2Page - Continental Device India Limited 2N3500 Datasheet HTML 3Page - Continental Device India Limited 2N3500 Datasheet HTML 4Page - Continental Device India Limited 2N3500 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR RF TRANSISTORS
2N3498, 2N3499,
2N3500, 2N3501
TO-39
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
MIN
TYP
MAX
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA,IB=1mA
0.2
V
IC=50mA,IB=5mA
0.25
V
2N3500/3501
IC=150mA,IB=15mA*
0.4
V
2N3498/3499
IC=300mA,IB=30mA*
0.6
V
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,IB=1mA
0.8
V
IC=50mA,IB=5mA
0.9
V
2N3500/3501
IC=150mA,IB=15mA*
1.2
V
2N3498/3499
IC=300mA,IB=30mA*
1.4
V
DC Current Gain
hFE*
2N3498/3500
IC=0.1mA,VCE=10V
20
2N3499/3501
35
2N3498/3500
IC=1mA,VCE=10V
25
2N3499/3501
50
2N3498/3500
IC=10mA,VCE=10V
35
2N3499/3501
75
2N3498/3500
IC=150mA,VCE=10V*
40
120
2N3499/3501
100
300
2N3500
IC=300mA,VCE=10V*
15
2N3501
20
2N3498
IC=300mA,VCE=10V*
15
2N3499
20
SMALL SIGNAL CHARACTERISTICS
Input Impedence
hie
2N3498/3500
IC=10mA,VCE=10V,
0.2
1.0
KΩ
2N3499/3501
f=1KHz
0.25
1.25
Voltage Feedback Ratio
hre
2N3498/3500
IC=10mA,VCE=10V,
2.5
x10-4
2N3499/3501
f=1KHz
4.0
Small Signal Current Gain
| hfe |
2N3498/3500
IC=10mA,VCE=10V,
50
300
2N3499/3501
f=1KHz
75
375
VALUE
Continental Device India Limited
Data Sheet
Page 2 of 5


유사한 부품 번호 - 2N3500

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3500 BOCA-2N3500 Datasheet
169Kb / 5P
   GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3500 MICROSEMI-2N3500 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3500 CENTRAL-2N3500 Datasheet
22Kb / 1P
   Small Signal Transistors
More results

유사한 설명 - 2N3500

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
ZUMTS17 ZETEX-ZUMTS17 Datasheet
24Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
Continental Device Indi...
BF494 CDIL-BF494 Datasheet
68Kb / 4P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF240 CDIL-BF240 Datasheet
269Kb / 3P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
logo
Diodes Incorporated
BFS17L DIODES-BFS17L Datasheet
50Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
ZUMTS17 DIODES-ZUMTS17 Datasheet
74Kb / 2P
   SOT323 NPN SILICON PLANAR RF TRANSISTORS
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
   RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Comset Semiconductor
2N3636 COMSET-2N3636 Datasheet
77Kb / 3P
   SILICON PLANAR RF TRANSISTORS
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com