전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD19N10 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQD19N10
상세설명  N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD19N10 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQD19N10 Datasheet HTML 1Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 2Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 3Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 4Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 5Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 6Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 7Page - Fairchild Semiconductor FQD19N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
FQD19N10
N-Channel QFET® MOSFET
100 V, 15.6 A, 100 mΩ
Description
©2007 Fairchild Semiconductor Corporation
FQD19N10 Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, audio amplifier, DC motor control, and
variable switching power applications.
Features
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD19N10TM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
2.5
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
• 15.6 A, 100 V, RDS(on) = 100 mΩ (Max.) @ VGS = 10 V,
ID = 7.8 A
• Low Gate Charge (Typ. 19 nC)
• Low Crss (Typ. 32 pF)
• 100% Avalanche Tested
D-PAK
G
S
D
G
S
D
Symbol
Parameter
FQD19N10
TM
Unit
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
15.6
A
- Continuous (TC = 100°C)
9.8
A
IDM
Drain Current
- Pulsed
(Note 1)
62.4
A
VGSS
Gate-Source Voltage
 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
220
mJ
IAR
Avalanche Current
(Note 1)
15.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
50
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum
Lead Temperature for Soldering,
1/8" from
Case for 5 Seconds
300
°C


유사한 부품 번호 - FQD19N10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD19N10 FAIRCHILD-FQD19N10 Datasheet
588Kb / 9P
   100V N-Channel MOSFET
FQD19N10 FAIRCHILD-FQD19N10 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10 Datasheet
684Kb / 9P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD19N10 ISC-FQD19N10 Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Guangdong Youtai Semico...
FQD19N10 UMW-FQD19N10 Datasheet
1Mb / 5P
   100V N -Channel MOSFET
More results

유사한 설명 - FQD19N10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com