전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5351A 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 Si5351A
상세설명  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5351A 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button Si5351A Datasheet HTML 4Page - Silicon Laboratories Si5351A Datasheet HTML 5Page - Silicon Laboratories Si5351A Datasheet HTML 6Page - Silicon Laboratories Si5351A Datasheet HTML 7Page - Silicon Laboratories Si5351A Datasheet HTML 8Page - Silicon Laboratories Si5351A Datasheet HTML 9Page - Silicon Laboratories Si5351A Datasheet HTML 10Page - Silicon Laboratories Si5351A Datasheet HTML 11Page - Silicon Laboratories Si5351A Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8 / CLOCK A ND OSCILL ATOR SELEC TOR
EMBEDDED INTEL x86 CLOCK FEATURES
• Clocking support for Intel processors
• Multi-PLL platform for independent, asynchronous
signal generation
• Low power consumption push-pull differential buffers
• Available true differential current steering buffers
• Signal power management for notebook applications
• Dynamic enable/disable for PCIe hot plug applications
• Integrated voltage regulator and damping resistors
on differential clocks
• Integrates external graphics clocking requirements
• Available center spread LCD clock for optimized
display screen EMI reduction
• Integrated LAN clock for cost/space/component
savings
• Integrated IEEE1394 clock for cost/space
component savings
• 8-step programmable slew rate control for rise
time and fall time control
• Dynamic independent PLL overclocking for
enthusiast applications
• Underclocking capabilities for power management
support and debugging
• Best in the industry pread pectrum technology
for optimum system EMI reduction
Silicon Labs offers an family of Intel-compliant x86 clocks for embedded computing, communications and industrial
applications. These system main clock generators support a wide variety of chipsets and processors. They provide all the
necessary clock generation for the CPU, memory controller (chipset north bridge), I/O controller (chipset south bridge)
as well as the latest timing requirements for industry standards such as SATA, USB, LAN, PCI Express and legacy PCI.
Embedded Intel x86 Clocks
DDR II
DDR II
PCIe
PCIe
PCIe
PCIe
SIO
SIO
CPU
CPU
SL28EB717
Embedded
Intel x86
Clock
SL28EB717
Embedded
Intel x86
Clock
2 SATA II
2 SATA II
I/O
Hub
I/O
Hub
Ethernet
Ethernet
USB 2..0
USB 2..0
SD/MMC
SD/MMC
LVDS
LVDS
SDVO
SDVO
BCLK/HPLL, 100 MHz
DOT 96, 96 MHz
PCIe, 100 MHz
SATA75, 75 MHz
USB-48, 48 MHz
SYSCLK-25, 25 MHz
PCI, 33.3 MHz
2
PCI Devices
PCIe x 1
3 PCIe x 1
LPC
5
HCSL


유사한 부품 번호 - Si5351A

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   Supports static phase offset
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351A-A-GM ETC2-Si5351A-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GT ETC2-Si5351A-A-GT Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GU ETC2-Si5351A-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results

유사한 설명 - Si5351A

제조업체부품명데이터시트상세설명
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com