전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28EB636A 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SL28EB636A
상세설명  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB636A 데이터시트(HTML) 5 Page - Silicon Laboratories

  SL28EB636A Datasheet HTML 1Page - Silicon Laboratories SL28EB636A Datasheet HTML 2Page - Silicon Laboratories SL28EB636A Datasheet HTML 3Page - Silicon Laboratories SL28EB636A Datasheet HTML 4Page - Silicon Laboratories SL28EB636A Datasheet HTML 5Page - Silicon Laboratories SL28EB636A Datasheet HTML 6Page - Silicon Laboratories SL28EB636A Datasheet HTML 7Page - Silicon Laboratories SL28EB636A Datasheet HTML 8Page - Silicon Laboratories SL28EB636A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
5
Silicon Labs’ highly flexible factory and I2C programmable LVCMOS clock generators can be customized to generate
multiple independent non-integer-related frequencies with equivalent frequency synthesis capability of 8 PLLs, with exact
frequency synthesis (0 ppm error), significantly lower jitter, lower power and smaller size than competing solutions. Factory
customization options are available to minimize EMI, including configurable edge rates, output impedance, output skew
and spread spectrum.
Any-Frequency, Any-Output CMOS Clocks
Si5350 FEATURES
• Generates any frequency on any output,
8 kHz to 160 MHz
• Exact clock synthesis: 0 ppm error
• Similar frequency flexibility as 8 independent PLLs
• Crystal or clock input
• <100 ps pk-pk period jitter
• Glitchless switching between output frequencies
• I2C programmable or pin-controlled
• Excellent PSRR: no discrete components
• Two week sample lead time for any custom clock
• Integrated load capacitors
• Spread spectrum clock generation
-0.1 to -2.5% down, ±0.1 to ±1.5% center
• User-definable control pins Powerdown,
Output Enable, Spread Enable, Frequency
Select control pins
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY (MHz)
PERIOD
JITTER
(PP)
VDD
VDDO
OUTPUT
PACKAGE
Si5350A/51A
Pin/I2C
1/8
25/27 (Xtal)
8 kHz - 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN20
Si5350B/51B
Pin/I2C
1/8
25/27 (Xtal)
8 kHz - 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN20
Si5350C/51C
Pin/I2C
1/8
10 - 100 (Clock),
25/27 (Xtal)
8 kHz - 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN20
Si5355
Pin
1/8
5 - 200 (Clock)
25/27 (Xtal)
1 - 200 MHz
50 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN24
SDRAM
SDRAM
ROM/Flash
ROM/Flash
User
Interface
User
Interface
Digital
Audio
Transmitter
Digital
Audio
Transmitter
Video
Encoder
Video
Encoder
DVD
ASSP
DVD
ASSP
Triple
DAC
Triple
DAC
Triple
DAC
Triple
DAC
MOD
MOD
Si3000
Audio
Codec
Si3000
Audio
Codec
Speakers
Speakers
Headphones
Line Out
Line Out
Microphone
AMP
AMP
DVD Drive
S-Video/CVBS
Component
Video
RF Video Out
RF Video Out
Si5350
Clock
Generator
Si5350
Clock
Generator


유사한 부품 번호 - SL28EB636A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

유사한 설명 - SL28EB636A

제조업체부품명데이터시트상세설명
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com