전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZTA44 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 PZTA44
상세설명  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

PZTA44 데이터시트(HTML) 1 Page - Continental Device India Limited

  PZTA44 Datasheet HTML 1Page - Continental Device India Limited PZTA44 Datasheet HTML 2Page - Continental Device India Limited PZTA44 Datasheet HTML 3Page - Continental Device India Limited PZTA44 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PZTA44
SOT-223
Formed SMD Package
High Voltage Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current (DC)
IC
Collector Current Peak
ICM
Base Current Peak
IBM
Power Dissipation upto Tamb=25ºC
*PD
Storage Temperature
Tstg
Junction Temperature
Tj
Operating Ambient Temperature
Tamb
THERMAL RESISTANCE
From junction to ambient
*Rth (j-a)
From junction to soldering point
Rth (j-s)
* Device Mounted on a printed circuit board, single sided copper, tinplated, mounting pad for collector 1 cm
2.
ABSOLUTE MAXIMUM RATINGS (Tamb=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=400V, IE=0
100
nA
VCB=400V, IE=0, Tj=150ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
100
nA
DC Current Gain
hFE
IC=1mA, VCE=10V
40
IC=10mA, VCE=10V
50
200
*IC=50mA, VCE=10V
45
*IC=100mA, VCE=10V
40
Collector Emitter Saturation Voltage
VCE (sat)
IC=1mA, IB=0.1mA
0.40
V
IC=10mA, IB=1mA
0.50
V
*IC=50mA, IB=5mA
0.75
V
Base Emitter Saturation Voltage
VBE (sat)
*IC=10mA, IB=1mA
0.85
V
Collector Capacitance
Cc
VCB=20V, f=1MHz
7.0
pF
Emitter Capacitance
Ce
VEB=0.5V, f=1MHz
180
pF
Transition Frequency
fT
IC=10mA, VCE=10V,f=100MHz
20
MHz
Pulse test tp <300
µµs; δδ < 0.02
PZTA44Rev140606E
- 65 to +150
ºC
91
10
K/W
K/W
W
ºC
ºC
150
100
1.35
- 65 to +150
UNITS
V
V
V
mA
mA
mA
6.0
300
300
VALUE
500
400
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - PZTA44

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZTA44 PHILIPS-PZTA44 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Micro Commercial Compon...
PZTA44 MCC-PZTA44 Datasheet
791Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Weitron Technology
PZTA44 WEITRON-PZTA44 Datasheet
274Kb / 3P
   NPN Silicon Planar Epitaxial Transistor
logo
Diotec Semiconductor
PZTA44 DIOTEC-PZTA44 Datasheet
164Kb / 2P
   SMD High Voltage NPN Transistors
logo
Unisonic Technologies
PZTA44 UTC-PZTA44 Datasheet
81Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

유사한 설명 - PZTA44

제조업체부품명데이터시트상세설명
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com