전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST02D-140F2 데이터시트(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

부품명 ST02D-140F2
상세설명  Power Clamper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST02D-140F2 데이터시트(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  ST02D-140F2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST02D-140F2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST02D-140F2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST02D-140F2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Package:2F
7.0
7.6
Cathode mark
カソードマーク
ロット記号(例)
Type No.
品名略号
Date code
Control No.
管理番号(例)
PowerCl
amper
ST02D-
140F2
140V200W
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
指定のない場合は Tl=25℃/unlessotherwisespecified)
Uni
t:mm
■外観図 OUTLI
NE
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
指定のない場合は Tl=25℃/unlessotherwisespecified)
特長
パワーツェナーダイオードと
FRDを複合
面実装
スナバ回路用途
Feat
ur
e
PowerZenerDi
odewi
t
hFRD
SMD
Appl
i
cat
i
onf
orsnubber
ci
r
cui
t
外形図については新電元 Webサイトをご参照下さい。捺印表示については
捺印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
U1802012.06〉)
単位
Uni
t
Di
ZD
条 件
Condi
t
i
ons
記号
Symbol
I
t
em
-40~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
150
Tj
接合部温度
Oper
at
i
ngJunct
i
onTemper
at
ur
e
W
200
10/1000μs非繰り返し *
10/
1000
µsNon-
r
epet
i
t
i
ve
PRSM
せん頭サージ逆電力
Peaksur
ger
ever
sepower
A
1.
0
10/1000μs非繰り返し *
10/
1000µsNon-
r
epet
i
t
i
ve
IRSM
せん頭サージ逆電流
Peaksur
ger
ever
secur
r
ent
V
600
120
VRM
連続印加電圧
Maxi
mum Rever
seVol
t
age
V
MIN
130
MAX
160
IR=1mA
VBR
動作開始電圧
MovementSt
ar
tVol
t
age
V
MAX
200
Ipp=1.
0A
VCL
制限電圧
Cl
ampi
ngVol
t
age
μA
MAX
5
VR=120V
IR
漏れ電流
LeakageCur
r
ent
MAX
5
VR=600V
ns
MAX
500
IF/IR=0.
1A/0.
3A
trr
逆回復時間
Rever
seRecover
yTi
me
℃/W
MAX
24
接合部・リード間
Junct
i
ont
ol
ead
θjl
熱抵抗
Ther
malResi
st
ance
MAX
120
接合部・周囲間,プリント基板実装
Junct
i
ont
oambi
ent
,Ongl
ass-
epoxysubst
r
at
e
θja
MAX
90
接合部・周囲間,アルミナ基板実装
Junct
i
ont
oambi
ent
,Onal
umi
nasubst
r
at
e
*波形 10/1000us exp波
*Waveform10/1000usexponenti
alwave
Time〔μs〕
10
1000
※Ipp定義
Ipp Definition
Ipp
Ipp


유사한 부품 번호 - ST02D-140F2

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
ST02D-140 SHINDENGEN-ST02D-140 Datasheet
3Mb / 2P
   Axial Device Zener Diodes with Fast Recovery Diode
More results

유사한 설명 - ST02D-140F2

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
ST03DH-240 SHINDENGEN-ST03DH-240 Datasheet
149Kb / 4P
   Power Clamper
logo
Frontier Electronics.
BY228 FRONTIER-BY228 Datasheet
121Kb / 2P
   3A CLAMPER/DAMPER RECTIFIER
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
   CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
   Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
General Semiconductor
CG3 GE-CG3 Datasheet
52Kb / 2P
   CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 20-Jan-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com