전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28EB742 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SL28EB742
상세설명  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 9Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 10Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 11Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 12Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 13Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
SL28EB742
10
Preliminary Rev. 0.1
2.3. Powerdown (PD) Deassertion
The powerup latency is less than 1.8 ms. This is the time from the deassertion of the PD pin or the ramping of the
power supply until the time that stable clocks are generated from the clock chip. All differential outputs stopped in a
three-state condition resulting from powerdown are driven high in less than 300 µs of PD deassertion to a voltage
greater than 200 mV. After the clock chip’s internal PLL is powered up and locked, all outputs are enabled within a
few clock cycles of each clock. Figure 2 is an example showing the relationship of clocks coming up.
Figure 1. Powerdown Assertion Timing Waveform
Figure 2. Powerdown Deassertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8 ms
PCI, 33MHz
REF
Tdrive_PWRDN
<300
s, >200 mV


유사한 부품 번호 - SL28EB742

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
1Mb / 20P
   Timing Selector Guide
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742A SILABS-SL28EB742A Datasheet
1Mb / 20P
   Timing Selector Guide
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

유사한 설명 - SL28EB742

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
   Embedded Clock Generator
PI6C49006 PERICOM-PI6C49006 Datasheet
940Kb / 15P
   Embedded Clock Generator
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com