전자부품 데이터시트 검색엔진 |
|
SL2TTED24L3F 데이터시트(PDF) 3 Page - KOA Speer Electronics, Inc. |
|
SL2TTED24L3F 데이터시트(HTML) 3 Page - KOA Speer Electronics, Inc. |
3 / 4 page SL, SLN, TSL surface mount molded current sense resistors Derating Curve Surface Temperature Rise environmental applications 100 80 60 40 20 -60 -40 0 40 60 80 100 180 70 20 Ambient Temperature (°C) 0 120 -20 140 160 -55 150 100 50 50 100 % Rated Power TSL1 (1) TSL1 (2) 0 0 25 75 2 1 25 75 125 SLN2 (2) SLN2 (1) * TSL1: 20mΩ SLN2: 110mΩ 10mm pattern Performance Characteristics 200 100 50 50 100 % Rated Power SL1 (1) SL2 (2) 0 0 25 75 SL1 (2) SL2 (1) 25 75 150 175 125 * 33mΩ 10mm pattern TSL1/SLN2 SL1/SL2 Parameter Requirement ∆ R ±% Limit Typical Test Method Resistance T.C.R. 25°C +25°C/+125°C Within specified tolerance Within specified T.C.R. — — Resistance to Solder Heat 260°C ± 5°C, 10 ± 1 second 260°C ± 5°C, 10~12 seconds SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% Overload (Short time) SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds, SL1, SL2, SLN2: Rated power x 5 for 5 seconds, SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.25% Rapid Change of Temperature -55°C (30 minutes), +150°C (30 minutes), 100 cycles -55°C (15 minutes), +150°C (15 minutes), 1000 cycles SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±0.5% SLN2: ±0.25% Moisture Resistance 40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 85°C ± 2°C, 85% ±3%RH, 1000 hours, Rated power x 0.1 SL07, TSL1,SL1, SL2: ±2% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±0.5% SLN2: ±0.25% Endurance at 70°C 70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle SL07, TSL1,SL1, SL2: ±2% SLN2: ±1% ±0.5% Low Temperature Exposure SL07, TSL1, SL1, SL2: -55°C, 1 hour; SLN2: -65°C, 24 hours ±0.5% ±0.25% For resistors operated at an ambient temperature of 70°C or above, a power rating shall be derated in accordance with the above derating curve. (Please ask separately us about Derating Curve for SLW07, SLW1, SL3, SLN3, SLZ1). Regarding the temperature rise, the value of the temperature varies per conditions and board for use since the temperature is measured under our measuring conditions. 150 100 50 50 100 % Rated Power SL07 (1) 0 0 25 75 2 1 25 75 125 SL07 (2) * 20mΩ 10mm pattern SL07 (SL07, SL1, SL2, SLN2, TSL1) 53 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/11/13 |
유사한 부품 번호 - SL2TTED24L3F |
|
유사한 설명 - SL2TTED24L3F |