전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3150-500E 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-3150-500E
상세설명  HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-500E 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3150-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Regulatory Information
The HCPL-3150 and HCPL-315J have been approved by the following organizations:
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-5:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
(Option 060 and HCPL-315J only)
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice
#5, File CA 88324.
IEC/EN/DIN EN 60747-5-2
Insulation Characteristics
Description
Symbol
HCPL-3150#060
HCPL-315J
Unit
Installation classification per DIN VDE
0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
I - IV
for rated mains voltage ≤ 300 Vrms
I - IV
I - IV
for rated mains voltage ≤ 600 Vrms
I - III
I - IV
for rated mains voltage ≤ 1000Vrms
I - II
I-III
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
V
IORM
630
1230
Vpeak
Input to Output Test Voltage, Method b*
V
IORM
x 1.875 = V
PR
, 100% Production
Test with t
m
= 1 sec,
V
PR
1181
2306
Vpeak
Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM
x 1.6 = V
PR
, Type and Sample
Test, t
m
= 10 sec,
V
PR
945
1968
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage*
V
IOTM
6000
8000
Vpeak
(Transient Overvoltage t
ini
= 60 sec)
Safety-Limiting Values – Maximum Values
Allowed in the Event of a Failure, Also
See Figure 37, Thermal Derating Curve.
Case TemperatureT
S
175
175
°C
Input Current
I
S, INPUT
230
400
mA
Output Power
P
S, OUTPUT
600
1200
mW
Insulation Resistance at T
S
, V
IO
= 500 V
R
S
≥ 109
≥ 109
Ω
*Refer to the front of the optocoupler section of the current Catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a
detailed description of Method a and Method b partial discharge test profiles.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


유사한 부품 번호 - HCPL-3150-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

유사한 설명 - HCPL-3150-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com