전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG8AT148 데이터시트(PDF) 4 Page - Rohm

부품명 FMG8AT148
상세설명  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMG8AT148 데이터시트(HTML) 4 Page - Rohm

  FMG8AT148 Datasheet HTML 1Page - Rohm FMG8AT148 Datasheet HTML 2Page - Rohm FMG8AT148 Datasheet HTML 3Page - Rohm FMG8AT148 Datasheet HTML 4Page - Rohm FMG8AT148 Datasheet HTML 5Page - Rohm FMG8AT148 Datasheet HTML 6Page - Rohm FMG8AT148 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG8 / UMG8N
lElectrical characteristic curves
(Ta = 25°C)
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
4/6
2012.06 - Rev.B


유사한 부품 번호 - FMG8AT148

제조업체부품명데이터시트상세설명
logo
Rohm
FMG8A ROHM-FMG8A Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
More results

유사한 설명 - FMG8AT148

제조업체부품명데이터시트상세설명
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com