전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD10N20LTM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQD10N20LTM
상세설명  N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20LTM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQD10N20LTM Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
Thermal Characteristics
Symbol
Parameter
FQD10N20LTM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
2.48
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
FQD10N20L
N-Channel QFET® MOSFET
200 V, 7.6 A, 360 mΩ
Description
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 7.6 A, 200 V, RDS(on) = 360 mΩ (Max.) @ VGS = 10 V,
ID = 3.8 A
• Low Gate Charge (Typ. 13 nC)
• Low Crss (Typ. 14 pF)
• 100% Avalanche Tested
• Low Level Gate Drive Requirements Allowing
Direct Operation Form Logic Drivers
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
D-PAK
G
S
D
G
S
D
Symbol
Parameter
FQD10N20L
TM
Unit
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
7.6
A
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
4.8
A
IDM
Drain Current
- Pulsed
(Note 1)
30.4
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
180
mJ
IAR
Avalanche Current
(Note 1)
7.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
51
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8” from case for 5 seconds
300
°C
©2000 Fairchild Semiconductor Corporation
FQD10N20L Rev. C1


유사한 부품 번호 - FQD10N20LTM

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FQD10N20LTM VBSEMI-FQD10N20LTM Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

유사한 설명 - FQD10N20LTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com