전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD7N20L 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQD7N20L
상세설명  N-Channel QFET짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20L 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQD7N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
FQD7N20L Rev. C1
www.fairchildsemi.com
3
Typical Characteristics
10
-1
0
10
1
0
200
400
600
800
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
4
2
0
0
0
10
10
-1
10
0
10
1
150℃
25℃
-55℃
※ Notes :
1. V
DS = 30V
2. 250μs Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
0
10
1
10
-1
10
0
10
1
V
GS
Top :
10 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
10
V
DS, Drain-Source Voltage [V]
03
0
0
12
15
0
2
4
6
8
10
12
V
DS = 100V
V
DS = 40V
V
DS = 160V
※ Note : I
D = 6.5 A
Q
G, Total Gate Charge [nC]
3
0
0
9
12
15
0
1
2
3
4
※ Note : T
J = 25
V
GS = 5V
V
GS = 10V
I
D
, Drain Current [A]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
6
8
6
9


유사한 부품 번호 - FQD7N20L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
570Kb / 9P
   200V LOGIC N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L_08 Datasheet
627Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

유사한 설명 - FQD7N20L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com