전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF8N60CT 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQPF8N60CT
상세설명  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N60CT 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQPF8N60CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t on
t off
t
d(off)
tf
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t on
t off
t
d(off)
tf
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t p
VGS
VGS
IG = const.
©2004 Fairchild Semiconductor Corporation
FQPF8N60C Rev. C0
www.fairchildsemi.com
5


유사한 부품 번호 - FQPF8N60CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
927Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF8N60C KERSEMI-FQPF8N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N60C ISC-FQPF8N60C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N60CF FAIRCHILD-FQPF8N60CF Datasheet
755Kb / 8P
   600V N-Channel MOSFET
More results

유사한 설명 - FQPF8N60CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com