전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL2731M 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 HCPL2731M
상세설명  Low current ??0.5mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731M 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  HCPL2731M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
5
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical value is measured at TA = 25ºC and VCC = 5.0V.)
Isolation Characteristics
Notes:
2. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current,
IF, times 100%.
3. Pin 7 open. (6N138M and 6N139M only)
4. Common mode transient immunity in logic HIGH level is the maximum tolerable (positive) dVcm/dt on the
leading edge of the common mode pulse signal VCM, to assure that the output will remain in a logic HIGH state
(i.e., VO > 2.0V). Common mode transient immunity in logic LOW level is the maximum tolerable (negative)
dVcm/dt on the trailing edge of the
common mode pulse signal, VCM, to assure that the output will remain in a logic LOW state (i.e., VO < 0.8V).
5. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
6. For dual channel devices, CI-O is measured by shorting pins 1 and 2 or pins 3 and 4 together and pins 5 through 8
shorted together.
7. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Symbol
Characteristics
Test Conditions
Min.
Typ.
Max.
Unit
VISO
Withstand Insulation Test
Voltage(5)
RH
≤ 50%, T
A = 25°C, II-O ≤ 10µA,
50Hz, t = 1 min.
5000
VRMS
RI-O
Resistance (Input to Output)(5)
VI-O = 500VDC
1011
CI-O
Capacitance (Input to Output)(5)(6)
f = 1MHz, VI-O = 500V
1
pF
II-I
Input-Input Insulation Leakage
Current(7)
RH
≤ 45%, V
I-I = 500VDC, t = 5s,
HCPL2730M/2731 only
0.005
µA
RI-I
Input-Input Resistance(7)
VI-I = 500VDC, HCPL2730M/2731M
only
1011
CI-I
Input-Input Capacitance(7)
f = 1MHz, HCPL2730M/2731M only
0.03
pF


유사한 부품 번호 - HCPL2731M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
More results

유사한 설명 - HCPL2731M

제조업체부품명데이터시트상세설명
logo
Micropac Industries
66252 MICROPAC-66252 Datasheet
68Kb / 2P
   Low input current requirement: 0.5mA
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Delta Electronics, Inc.
PJB-24V150WXXA DELTA-PJB-24V150WXXA Datasheet
1Mb / 14P
   Low Inrush Current / Low Leakage Current
logo
Siemens Semiconductor G...
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1 Datasheet
199Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.6, 07-Mar-18
logo
Shenzhen Luguang Electr...
BC860C LUGUANG-BC860C Datasheet
75Kb / 2P
   Low current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com