전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL0402T-681M-N 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 SSL0402T-681M-N
상세설명  SMD Unshielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-681M-N 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  SSL0402T-681M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-681M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SSL0804T-1R0M-N
1.0
20
100
0.009
9.0
6.8
SSL0804T-1R5M-N
1.5
20
90
0.010
8.0
6.4
SSL0804T-2R2M-N
2.2
20
80
0.012
7.0
6.1
SSL0804T-3R3M-N
3.3
20
65
0.015
6.4
5.4
SSL0804T-4R7M-N
4.7
20
45
0.018
5.4
4.8
SSL0804T-6R8M-N
6.8
20
38
0.027
4.6
4.4
SSL0804T-100M-N
10
20
30
0.038
3.8
3.9
SSL0804T-150M-N
15
20
27
0.046
3.0
3.1
SSL0804T-220M-N
22
20
19
0.085
2.6
2.7
SSL0804T-330M-N
33
20
15
0.100
2.0
2.1
SSL0804T-470M-N
47
20
12
0.140
1.6
1.8
SSL0804T-680M-N
68
20
10
0.200
1.4
1.5
SSL0804T-101M-N
100
20
9
0.260
1.2
1.3
SSL0804T-151M-N
150
20
6
0.400
1.0
1.0
SSL0804T-221M-N
220
20
5
0.610
0.8
0.8
SSL0804T-331M-N
330
20
4.5
1.020
0.6
0.6
SSL0804T-471M-N
470
20
3.5
1.270
0.5
0.5
SSL0804T-681M-N
680
20
2.5
2.020
0.4
0.4
SSL0804T-102M-N
1000
20
2.0
3.000
0.3
0.3
Inductance tested at 100 KHz, 0.1 Vrms.
Inductance drop = 20% typ. at Isat.
ΔT = 15
rise typ
. at Irms.
Tolerance: M = ±20%
Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:


유사한 부품 번호 - SSL0402T-681M-N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSL0503HC-100M-N ETC2-SSL0503HC-100M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-150M-N ETC2-SSL0503HC-150M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-1R2M-N ETC2-SSL0503HC-1R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-220M-N ETC2-SSL0503HC-220M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-2R2M-N ETC2-SSL0503HC-2R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
More results

유사한 설명 - SSL0402T-681M-N

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com