전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3492MH 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM3492MH
상세설명  Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3492MH 데이터시트(HTML) 3 Page - Texas Instruments

  LM3492MH Datasheet HTML 1Page - Texas Instruments LM3492MH Datasheet HTML 2Page - Texas Instruments LM3492MH Datasheet HTML 3Page - Texas Instruments LM3492MH Datasheet HTML 4Page - Texas Instruments LM3492MH Datasheet HTML 5Page - Texas Instruments LM3492MH Datasheet HTML 6Page - Texas Instruments LM3492MH Datasheet HTML 7Page - Texas Instruments LM3492MH Datasheet HTML 8Page - Texas Instruments LM3492MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM3492, LM3492Q
www.ti.com
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
14
LGND
Ground of the Current Regulator
Current regulator ground. Must be connected to the GND pin for normal
operation. The LGND and GND pins are not internally connected.
15
DIM1/CLK
Dimming Control of Channel 1
Control the on/off of the current regulator of channel 1. This pin is internally
pulled low by a 5 µA current. This pin also serves as a clock signal for
latching input/output data of the COMM pin.
16
DIM2
Dimming Control of Channel 2
Control the on/off of the current regulator of channel 2. This pin is internally
pulled low by a 5 µA current.
17, 18
PGND
Power Ground
Integrated MOSFET ground. Must be connected to the GND pin for normal
operation. The PGND and GND pins are not internally connected.
19
VCC
LDO Regulator Output
Nominally regulated to 5.5V. Connect a capacitor of larger than 0.47 µF
between the VCC and GND pins.
20
ILIM
Peak Current Limit Adjust
Connect an external resistor from the ILIM pin to the VCC pin reduces
peak current limit. Connect the ILIM pin to the ground to obtain the
maximum current limit.
DAP
DAP
Exposed Pad
Thermal connection pad. Connect to a ground plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE / UNITS
VIN, RT, VOUT to GND
−0.3V to 67V
SW to GND
−0.3V to 67V
SW to GND (Transient)
−2V (<100 ns)
ILIM to GND
−0.3V to 0.3V
FB to GND
−0.3V to 5V
COMM, DIM1, DIM2, to GND
−0.3V to 6V
ESD Rating, Human Body Model (2)
±2kV
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ)
150°C
(1)
Absolute Maximum Ratings are limits which damage to the device may occur. Operating ratings are conditions under which operation of
the device is intended to be functional. For specifications and test conditions, see the electrical characteristics. Thermal shutdown might
occur within ambient operating temperature range as junction temperature rises above TSD level, customer should refer to efficiency
data and thermal resistance data to estimate the junction temperature to ambient temperature delta.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
(1)
Supply Voltage (VIN)
4.5V to 65V
Operation Temperature Range (TA)
−40°C to +125°C
Thermal Resistance (
θJA)
(2)
32.7°C/W
(1)
Absolute Maximum Ratings are limits which damage to the device may occur. Operating ratings are conditions under which operation of
the device is intended to be functional. For specifications and test conditions, see the electrical characteristics. Thermal shutdown might
occur within ambient operating temperature range as junction temperature rises above TSD level, customer should refer to efficiency
data and thermal resistance data to estimate the junction temperature to ambient temperature delta.
(2)
The
θJA is measured on a 4-layer standard JEDEC thermal test board with 12 vias, no air flow and 1W power dissipation. Thermal
shutdown will occur if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX), θJA and TA. The
maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA) /θJA.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3492 LM3492Q


유사한 부품 번호 - LM3492MH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
More results

유사한 설명 - LM3492MH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
   Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com