전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3555 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3555
상세설명  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3555 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
VIN (V)
12.5
11.5
10.5
9.5
8.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VIND = 2.0V, Code 3
TA = -30°C
TA = +85°C
VIN (V)
12.5
11.5
10.5
9.5
8.5
7.5
6.5
5.5
4.5
3.5
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C, Code 3
VLED = 2.4V
VLED = 2.0V
VLED = 1.8V
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
VIN (V)
15.0
12.5
10.0
7.5
5.0
2.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Code 0
Code 1
Code 2
Code 3
VIND = 2.0V, TA = 25°C
VIN (V)
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
80mA Torch Current
One LED @ 60mA
vs
LED Efficiency
Input Voltage
vs
1 LED
Input Voltage
One LED @ 80mA
Indicator Current
LED Efficiency
vs
vs
Input Voltage
Input Voltage
Brightness Codes
Indicator Current
Indicator Current
vs
vs
Input Voltage
Input Voltage
Tri-Temp
VLED
10
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555


유사한 부품 번호 - LM3555

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
LM3555TLE/NOPB TI1-LM3555TLE/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
LM3555TLX/NOPB TI1-LM3555TLX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
More results

유사한 설명 - LM3555

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
[Old version datasheet]   Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com