전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LK142 데이터시트(PDF) 1 Page - Polyfet RF Devices

부품명 LK142
상세설명  RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POLYFET [Polyfet RF Devices]
홈페이지  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LK142 데이터시트(HTML) 1 Page - Polyfet RF Devices

  LK142 Datasheet HTML 1Page - Polyfet RF Devices LK142 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
Push - Pull
AK
60.0
1.4
60.0
0.57 C/W
110
2.0
11.00
2.0
50
0.50
2.00
18.0
310
0.30
110
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.40
50.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
500
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
500
500
Common Source Input Capacitance
110
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS ( 100.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
50.0
A, Vds =
V, F =
A, Vds =
V, F =
50.0
50.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
100.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
50.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet"
process features
low feedback and output capacitances,
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
REVISION 11/23/0009
20
25 C )
WATTS OUTPUT )
200
polyfet rf devices
LK142
15:1
ROHS COMPLIANT


유사한 부품 번호 - LK142

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
LK14-LFR FRONTIER-LK14-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Polyfet RF Devices
LK141 POLYFET-LK141 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

유사한 설명 - LK142

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
   RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
   RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ821 POLYFET-LQ821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com