전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA01D2415ATR 데이터시트(PDF) 1 Page - Delta Electronics, Inc.

부품명 SA01D2415ATR
상세설명  1W DC/DC CONVERTER, SMD-Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SA01D2415ATR 데이터시트(HTML) 1 Page - Delta Electronics, Inc.

  SA01D2415ATR Datasheet HTML 1Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 2Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 3Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 4Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 5Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 6Page - Delta Electronics, Inc. SA01D2415ATR Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SA01D Sries
1W DC/DC CONVERTER, SMD-Package
DS_SA01D_11202013
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
SMD Package with Industry Standard Pinout
Dual Outputs
Isolation Voltage 1000 VDC
Operating Temperature Range
–40° to +85°C
Low ripple and noise
Lead free, RoHs Compliant
Moisture sensitivity level (MSL) 3
3 Years Product Warranty
The SA01D series are miniature, SMD Package, isolated 1W DC/DC converters with 1,000VDC isolation. It allows a wide
operating temperature range of
–40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of
component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high
reliability under highly stressful operating conditions.
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SA01D0505A
5
(4.5 ~ 5.5)
±5
±100
±2
267
30
10
33
75
SA01D0505ATR
SA01D0509A
±9
±55
±1
260
10
76
SA01D0509ATR
SA01D0512A
±12
±42
±0.8
255
8
79
SA01D0512ATR
SA01D0515A
±15
±33
±0.7
251
7
79
SA01D0515ATR
SA01D1205A
12
(10.8 ~ 13.2)
±5
±100
±2
111
15
8
33
75
SA01D1205ATR
SA01D1209A
±9
±55
±1
109
8
76
SA01D1209ATR
SA01D1212A
±12
±42
±0.8
105
5
80
SA01D1212ATR
SA01D1215A
±15
±33
±0.7
103
5
80
SA01D1215ATR
SA01D2405A
24
(21.6 ~ 26.4)
±5
±100
±2
56
9
8
33
74
SA01D2405ATR
SA01D2409A
±9
±55
±1
55
8
75
SA01D2409ATR
SA01D2412A
±12
±42
±0.8
53
5
79
SA01D2412ATR
SA01D2415A
±15
±33
±0.7
52
5
79
SA01D2415ATR


유사한 부품 번호 - SA01D2415ATR

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
SA01D2415A DELTA-SA01D2415A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results

유사한 설명 - SA01D2415ATR

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com