전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD167 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 BD167
상세설명  PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD167 데이터시트(HTML) 2 Page - Continental Device India Limited

  BD167 Datasheet HTML 1Page - Continental Device India Limited BD167 Datasheet HTML 2Page - Continental Device India Limited BD167 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
1.5
A
Base current
IB
max.
0.5
A
Total power dissipation up to TA = 25°C Ptot
max.
1.25
W
Derate above 25°C
max
8
mW/°C
Total power dissipation up to TC = 25°C Ptot
max.
20
W
Derate above 25°C
max
160
mW/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
6.25
°C/W
From junction to ambient
Rth j–a
100
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
165
167 169
Collector cutoff current
IE = 0; VCB = 45 V
ICBO
max. 0.1
mA
IE = 0; VCB = 60 V
ICBO
max.
0.1
mA
IE = 0; VCB = 80 V
ICBO
max.
0.1 mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 0.1A; IB = 0
VCEO(sus)*
min.
45
60
80
V
IC = 1mA; IE = 0
VCBO
min.
45
60
80
V
IE = 1mA; IC = 0
VEBO
min.
5.0
V
DC current gain
IC = 0.15A; VCE = 2V
hFE*
min
40
IC = 0.5A; VCE = 2V
hFE*
min
15
Saturation voltage
IC = 0.5A; IB = 0.05A
VCE(sat)*
max.
0.5
V
Base-emitter on voltage
IC = 0.5 A; VCE = 2 V
VBE(on)*
max.
0.95
V
Transition frequency f = 1 MHz
IC = 500 mA; VCE = 2 V
fT
min.
6.0
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
BD165, BD167, BD169


유사한 부품 번호 - BD167

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD167 ETC1-BD167 Datasheet
149Kb / 4P
   SILIZIUM-NPN-EPITAXIAL-PLANAR-LEISTUNGSTRANSISTOREN SILICON NPN EPITAXIAL PLANAR POWRE TRANSISTORS
More results

유사한 설명 - BD167

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
   Plastic Power Transistors
August, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
   PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
   PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
   PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
   PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
   PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com