전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCY70 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 BCY70
상세설명  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY70 데이터시트(HTML) 2 Page - Continental Device India Limited

  BCY70 Datasheet HTML 1Page - Continental Device India Limited BCY70 Datasheet HTML 2Page - Continental Device India Limited BCY70 Datasheet HTML 3Page - Continental Device India Limited BCY70 Datasheet HTML 4Page - Continental Device India Limited BCY70 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 , 71, 72
TO-18
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
TYP
MAX
UNIT
Emitter Cut off Current
IEBO
VEB=4V, IC=0
10
nA
VEB=4V, IC=0,
2
µA
Tj =100ºC
VEB=54V, IC=0
500
nA
DC Current Gain
hFE
IC=10µA,VCE=1V
60
IC=100µA,VCE=1V
80
IC=1mA,VCE=1V
100
BCY70
IC=10mA,VCE=1V
100
BCY71
100
400
IC=50mA,VCE=1V
45
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA,IB=1mA
250
mV
IC=50mA,IB=5mA
500
mV
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,IB=1mA
600
900
V
IC=50mA,IB=5mA
1.2
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=20V
250
MHz
f=100MHz
BCY71
IC=100µA, VCE=20V
15
MHz
f=10.7MHz
Collector Capacitance
Cc
VCB=10V, IE=0, f=1MHz
6.0
pF
Emitter Capacitance
Ce
VEB=1.0V, f=1MHz, IC=0
8.0
pF
Noise Figure
NF
IC=0.1mA, VCE=5V
BCY70, 72
Rs=2K
Ω, f=10Hz to 10KHz
6
dB
BCY71
2dB
Input Impedance
hie
IC=10mA, VCE=10V, f=1KHz
4.0
K
Reverse Voltage Transfer Ratio
hre
IC=10mA, VCE=10V, f=1KHz
2.1
x10
-4
Small Signal Current Gain
| hfe |IC=10mA, VCE=10V, f=1KHz
325
Out put Admittance
hoe
IC=10mA, VCE=10V, f=1KHz
20
µmhos
Continental Device India Limited
Data Sheet
Page 2 of 5


유사한 부품 번호 - BCY70

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY70 CENTRAL-BCY70 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BCY70 SEME-LAB-BCY70 Datasheet
49Kb / 3P
   GENERAL PURPOSE PNP SILICON TRANSISTOR
More results

유사한 설명 - BCY70

제조업체부품명데이터시트상세설명
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com