전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3844 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 UC3844
상세설명  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3844 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  UC3844 Datasheet HTML 1Page - Fairchild Semiconductor UC3844 Datasheet HTML 2Page - Fairchild Semiconductor UC3844 Datasheet HTML 3Page - Fairchild Semiconductor UC3844 Datasheet HTML 4Page - Fairchild Semiconductor UC3844 Datasheet HTML 5Page - Fairchild Semiconductor UC3844 Datasheet HTML 6Page - Fairchild Semiconductor UC3844 Datasheet HTML 7Page - Fairchild Semiconductor UC3844 Datasheet HTML 8Page - Fairchild Semiconductor UC3844 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UC3842/UC3843/UC3844/UC3845
2
Absolute Maximum Ratings
Note:
1. Board Thickness 1.6mm, Board Dimension 76.2mm
×114.3mm, (Reference EIA / JSED51-3, 51-7)
2. Do not exceeed PD and SOA (Safe Operation Area)
Power Dissipation Curve
Thermal Data
Pin Array
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IO
±1A
Analog Inputs (Pin 2.3)
V(ANA)
-0.3 to 6.3
V
Error Amp Output Sink Current
ISINK (E.A)
10
mA
Power Dissipation at TA
≤25°C (8DIP)
PD(Note1,2)
1200
mW
Power Dissipation at TA
≤25°C (8SOP)
PD(Note1,2)
460
mW
Power Dissipation at TA
≤25°C (14SOP)
PD(Note1,2)
680
mW
Storage Temperature Range
TSTG
-65 ~ +150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
+300
°C
Characteristic
Symbol
8-DIP
8-SOP
14-SOP
Unit
Thermal Resistance Junction-ambient
Rthj-amb(MAX)
100
265
180
°C/W
800
700
600
500
400
300
900
1000
1100
0
1020
3040
50
60
7080
90100 110 120 130 140 150
AMBIENT TEMPERATURE (℃)
1200
8DIP
14SOP
8SOP
800
700
600
500
400
300
900
1000
1100
0
1020
3040
50
30
40
50
60
70
80
60
70
80
90
100 110
90
100 110 120 130 140
120 130 140 150
AMBIENT TEMPERATURE (℃)
1200
8DIP
14SOP
8SOP
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
8DIP,8SOP
14SOP
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
8DIP,8SOP
14SOP


유사한 부품 번호 - UC3844

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3844 TI1-UC3844 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Guangdong Youtai Semico...
UC3844 UMW-UC3844 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC3844 STMICROELECTRONICS-UC3844 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
More results

유사한 설명 - UC3844

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com