전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79M12 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC79M12
상세설명  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M12 데이터시트(HTML) 7 Page - ON Semiconductor

  MC79M12 Datasheet HTML 1Page - ON Semiconductor MC79M12 Datasheet HTML 2Page - ON Semiconductor MC79M12 Datasheet HTML 3Page - ON Semiconductor MC79M12 Datasheet HTML 4Page - ON Semiconductor MC79M12 Datasheet HTML 5Page - ON Semiconductor MC79M12 Datasheet HTML 6Page - ON Semiconductor MC79M12 Datasheet HTML 7Page - ON Semiconductor MC79M12 Datasheet HTML 8Page - ON Semiconductor MC79M12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC79M00 Series
http://onsemi.com
7
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating
Temperature Range
Package
Shipping[
MC79M15BDT
4.0%
TJ = −40°C to +125°C
DPAK
75 Units / Rail
MC79M15BDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M15BDTRK
DPAK
2500 Units / Reel
MC79M15BDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M15BT
TO−220
50 Units / Rail
MC79M15BTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M15CDT
TJ = 0°C to +125°C
DPAK
75 Units / Rail
MC79M15CDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M15CDTRK
DPAK
2500 Units / Reel
MC79M15CDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M15CT
TO−220
50 Units / Rail
MC79M15CTG
TO−220
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC79M12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC79M12 ONSEMI-MC79M12 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M12BDT MOTOROLA-MC79M12BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M12BDT ONSEMI-MC79M12BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M12BDT-1 MOTOROLA-MC79M12BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M12BDTG ONSEMI-MC79M12BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

유사한 설명 - MC79M12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com