전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDT00030TR 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KDT00030TR
상세설명  Phototransistor Photo Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KDT00030TR 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KDT00030TR Datasheet HTML 1Page - Fairchild Semiconductor KDT00030TR Datasheet HTML 2Page - Fairchild Semiconductor KDT00030TR Datasheet HTML 3Page - Fairchild Semiconductor KDT00030TR Datasheet HTML 4Page - Fairchild Semiconductor KDT00030TR Datasheet HTML 5Page - Fairchild Semiconductor KDT00030TR Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KDT00030 / KDT00030A Rev. 1.1.0
4
Physical Dimensions
Figure 4. PLCC-2 DETECTOR (ACTIVE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
1
Collector
2
Emitter
Schematic
Recommended Solder Screen Pattern
(for reference only)
0.8
±0.1
0.8
±0.1
1.5
±0.1
0.4
0.6
0.1
0.3
Collector
Mark
0.18
±0.05
0.8
±0.2
1.2
±0.1
1.7
±0.1
Green Paint
0.8
0.2
Note:
All dimensions are in mm, tolerances are ±0.1mm unless
otherwise specified.
ChipLED


유사한 부품 번호 - KDT00030TR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
KDT00030TR ONSEMI-KDT00030TR Datasheet
1Mb / 6P
   Phototransistor Photo Detector
October-2017, Rev. 3
More results

유사한 설명 - KDT00030TR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KDT00030 FAIRCHILD-KDT00030 Datasheet
160Kb / 4P
   Phototransistor Photo Detector
logo
ON Semiconductor
KDT00030 ONSEMI-KDT00030 Datasheet
1Mb / 6P
   Phototransistor Photo Detector
October-2017, Rev. 3
logo
NEC
PH101 NEC-PH101 Datasheet
66Kb / 2P
   NPN EPITXIAL DARLINGTON PHOTOTRANSISTOR PHOTO DETECTOR
logo
NTE Electronics
NTE3036 NTE-NTE3036 Datasheet
20Kb / 2P
   Phototransistor Silicon NPN Photo Darlington Light Detector
NTE3035A NTE-NTE3035A Datasheet
21Kb / 2P
   Phototransistor Detector
NTE3034A NTE-NTE3034A Datasheet
19Kb / 2P
   Phototransistor Detector
logo
Advanced Semiconductor
2N5777 ASI-2N5777 Datasheet
64Kb / 1P
   SILICON NPN PHOTO DETECTOR
logo
NTE Electronics
NTE3037 NTE-NTE3037 Datasheet
18Kb / 2P
   Silicon NPN Phototransistor Detector
logo
Motorola, Inc
MRD5009 MOTOROLA-MRD5009 Datasheet
170Kb / 4P
   Photo Detector Logic Output
logo
Hamamatsu Corporation
R7110U-40 HAMAMATSU-R7110U-40 Datasheet
23Kb / 2P
   COMPACT HYBRID PHOTO-DETECTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com