전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBG40 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 SMBG40
상세설명  SURFACE MOUNT 600 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG40 데이터시트(HTML) 3 Page - Microsemi Corporation

  SMBG40 Datasheet HTML 1Page - Microsemi Corporation SMBG40 Datasheet HTML 2Page - Microsemi Corporation SMBG40 Datasheet HTML 3Page - Microsemi Corporation SMBG40 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT 600 Watt
Transient Voltage Suppressor
S C O T TS DALE DIVISION
SMBJ5.0 thru SMBJ170A, CA, e3
and SMBG5.0 thru SMBG170A, CA, e3
MICROSEMI PART
NUMBER
BREAKDOWN
VOLTAGE
V(BR) @ I(BR)
Volts
GULL-WING
LEAD
MODIFIED “J”
BEND LEAD
REVERSE
STAND-OFF
VOLTAGE
VWM
Volts
MIN. MAX.
I(BR)
mA
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
Volts
PEAK PULSE
CURRENT
(See Fig. 2)
IPP
Amps
MAXIMUM
STANDBY
CURRENT
@ VWM
ID
μA
SMBG48
SMBG48A
SMBG51
SMBG51A
SMBJ48
SMBJ48A
SMBJ51
SMBJ51A
48
48
51
51
53.3 – 65.1
53.3 – 58.9
56.7 – 69.3
56.7 – 62.7
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
1
1
1
1
SMBG54
SMBG54A
SMBG58
SMBG58A
SMBJ54
SMBJ54A
SMBJ58
SMBJ58A
54
54
58
58
60.0 – 73.3
60.0 – 66.3
64.4 – 78.7
64.4 – 71.2
1
1
1
1
96.3
87.1
103
93.6
6.2
6.9
5.8
6.4
1
1
1
1
SMBG60
SMBG60A
SMBG64
SMBG64A
SMBJ60
SMBJ60A
SMBJ64
SMBJ64A
60
60
64
64
66.7 – 81.5
66.7 – 73.7
71.1 – 86.9
71.1 – 78.6
1
1
1
1
107
96.8
114
103
5.6
6.2
5.3
5.8
1
1
1
1
SMBG70
SMBG70A
SMBG75
SMBG75A
SMBJ70
SMBJ70A
SMBJ75
SMBJ75A
70
70
75
75
77.8 – 95.1
77.8 – 86.0
83.3 – 102
83.3 – 92.1
1
1
1
1
125
113
134
121
4.8
5.3
4.5
4.9
1
1
1
1
SMBG78
SMBG78A
SMBG85
SMBG85A
SMBJ78
SMBJ78A
SMBJ85
SMBJ85A
78
78
85
85
86.7 – 106
86.7 – 95.8
94.4 – 115
94.4 – 104
1
1
1
1
139
126
151
137
4.3
4.7
3.9
4.4
1
1
1
1
SMBG90
SMBG90A
SMBG100
SMBG100A
SMBJ90
SMBJ90A
SMBJ100
SMBJ100A
90
90
100
100
100 – 122
100 – 111
111 – 136
111 – 123
1
1
1
1
160
146
179
162
3.8
4.1
3.4
3.7
1
1
1
1
SMBG110
SMBG110A
SMBG120
SMBG120A
SMBJ110
SMBJ110A
SMBJ120
SMBJ120A
110
110
120
120
122 – 149
122 – 135
133 – 163
133 – 147
1
1
1
1
196
177
214
193
3.0
3.4
2.8
3.1
1
1
1
1
SMBG130
SMBG130A
SMBG150
SMBG150A
SMBJ130
SMBJ130A
SMBJ150
SMBJ150A
130
130
150
150
144 – 176
144 – 159
167 – 204
167 – 185
1
1
1
1
231
209
268
243
2.6
2.9
2.2
2.5
1
1
1
1
SMBG160
SMBG160A
SMBG170
SMBG170A
SMBJ160
SMBJ160A
SMBJ170
SMBJ170A
160
160
170
170
178 – 218
178 – 197
189 – 231
189 – 209
1
1
1
1
287
259
304
275
2.1
2.3
2.0
2.2
1
1
1
1
For Bidirectional device types indicate a C or CA suffix after the part number. (i.e.: SMBG170CA or
SMBJ170C). Bidirectional capacitance is half that shown in figure 4 at zero volts.
Microsemi Corp’s SMB series (600 W) surface mountable packages are designed specifically for transient
voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low
resistance path for surge current flow to ground. These high speed transient voltage suppressors can be
used to effectively protect sensitive components such as integrated circuits and MOS devices.
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Breakdown Current for V(BR)
ID
Standby Current
Microsemi
Scottsdale Division
Page 3
Copyright
© 2009
SA3-37, REV J, 5-24-2009
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


유사한 부품 번호 - SMBG40

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SMBG40 GE-SMBG40 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG40 MICROSEMI-SMBG40 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG40 MICROSEMI-SMBG40 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG40 MICROSEMI-SMBG40 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG40 MICROSEMI-SMBG40 Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

유사한 설명 - SMBG40

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4