전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM200PU1 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SM200PU1
상세설명  RF Engine Model SM200
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM200PU1 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SM200PU1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Model SM200 Data Sheet
Document Number 430145-01B
Page 7 of 21
©2012 Synapse Wireless, Inc.
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
synapse-wireless.com
SM200P81
Pin
RF200P81
Pin
Pin Name
SNAPpy
IO
Pin Description
D8
1, 24
GND
Power Supply
E1
PB2_MOSI_ PCINT22
2
IO or Hardware SPI MOSI or Interrupt
E2
PB3_MISO_ PCINT32
3
IO or Hardware SPI MISO or Interrupt
E3
PB4_OC2A_PCINT4
4
IO or PWM or Interrupt
E4
NC
E5
NC
E6
NC
E7
NC
E8
RF OUT
50 Ohm RF output on specially ordered
devices
F1
PB0_SSN_PCINT02
0
IO or Hardware SPI Select or Interrupt
F2
PB1_SCK_PCINT12
1
IO or Hardware SPI Clock or Interrupt
F3
PD1_SDA_INT12
9
IO or Hardware I2C or Interrupt
F4
PD0_SCL_INT02
8
IO or Hardware I2C or Interrupt
F5
NC
F6
NC
F7
NC
F8
1, 24
GND
Power Supply
G1
CLKI
Must be pulled low during normal operation
G2
PD7_T0
15
G3
11
PD4_ICP1
12
IO or UART1 CTS output or Input Capture
G4
9
PD2_RXD1_INT2
10
IO or UART1 Data In or Interrupt
G5
PG5_OC0B
37
IO or PWM
G6
NC
G7
NC
G8
1, 24
GND
Power Supply
H1
1, 24
GND
Power Supply
H2
PD6_T1
14
IO or Timer/Counter1 clock input
H3
PD5_XCK1
13
IO or USART1 external clock input/output
H4
10
PD3_TXD1_INT3
11
IO or UART1 Data Out or Interrupt
H5
23
RESET#
Module Reset, Active Low
H6
TST
Must be pulled low during normal operation
H7
NC
H8
1, 24
GND
Power Supply
1
Other SNAP Engines have a debug connection on pin 22. The architecture of the RF200 requires multiple
debug connections, which come out on other pins. Rather than leave pin 22 useless, it is available as an
additional GPIO or Analog Comparator. This will not be directly accessible on Synapse development boards,
but custom circuit designs have the pin available for specialized purposes.
2
These pins have special I
2C and SPI hardware that is not natively supported by SNAP. You could use peek
and poke to initialize and enable this hardware functionality. Use at your own risk!


유사한 부품 번호 - SM200PU1

제조업체부품명데이터시트상세설명
logo
MIC GROUP RECTIFIERS
SM200 MIC-SM200 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM200 SPSEMI-SM200 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Rectron Semiconductor
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
More results

유사한 설명 - SM200PU1

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com