전자부품 데이터시트 검색엔진 |
|
LCD10-24D05 데이터시트(PDF) 3 Page - RSG Electronic Components GmbH |
|
LCD10-24D05 데이터시트(HTML) 3 Page - RSG Electronic Components GmbH |
3 / 3 page Page 3 of 3 www.pduke.com 2013/6/7 LCD10 SERIES 10 WATTS DC-DC CONVERTER MECHANICAL DRAWING : : : : PIN CONNECTION PIN SINGLE DUAL 1 + INPUT + INPUT 2 - INPUT - INPUT 3 CTRL CTRL 4 +OUTPUT +OUTPUT 5 TRIM COMMON 6 -OUTPUT -OUTPUT PRODUCT STANDARD TABLE Option Suffix Negative logic remote ON/OFF(Standard) Positive logic remote ON/OFF -A Without CTRL pin -B Negative logic remote ON/OFF without TRIM pin -C Without CTRL &TRIM pin -D Positive logic remote ON/OFF without TRIM pin -E 1. All dimensions in Inch (mm) Tolerance: X.XX±0.02 (X.X±0.5) X.XXX±0.01 (X.XX±0.25) 2. Pin pitch tolerance ±0.01 (0.25) 3. Pin dimension tolerance ±0.004 (0.1) EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below. 6 5 TRIM UP RU 5 4 TRIM DOWN RD |
유사한 부품 번호 - LCD10-24D05 |