전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4961GH-G1 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 AM4961GH-G1
상세설명  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GH-G1 데이터시트(HTML) 7 Page - Diodes Incorporated

Back Button AM4961GH-G1 Datasheet HTML 3Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 4Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 5Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 6Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 7Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 8Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 9Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 10Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
7
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ1
Lock Off
10.2
15
18.76
mA
IQ2
Lock On
5.38
8
10.55
VREF Voltage
VREF
IREF=5mA
5.8
6
6.2
V
Output Saturation Voltage at
High Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at
Low Side
VSATL
ISINK=200mA
0.2
0.3
V
COSC Frequency
fOSC
COSC=100pF
18
25
32
kHz
COSC High Level Voltage
VOSCH
3.45
3.6
3.75
V
COSC Low Level Voltage
VOSCL
1.83
1.95
2.07
V
Hall Input Hysteresis
VHYS
±10
±20
mV
Hall Bias Voltage
VHB
IHB=5mA
1.1
1.25
1.4
V
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.5
2
2.85
μA
CT Discharge Current
IDHG
0.14
0.2
0.285
μA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=12V
30
μA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=12V
30
μA
(VCC=12V, TA=25oC, unless otherwise specified.)
Electrical Characteristics


유사한 부품 번호 - AM4961GH-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM4961GH-G1 BCDSEMI-AM4961GH-G1 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961GH-G1 DIODES-AM4961GH-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
More results

유사한 설명 - AM4961GH-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com