전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCU04T14 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 74HCU04T14
상세설명  UNBUFFERED HEX INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCU04T14 데이터시트(HTML) 2 Page - Diodes Incorporated

  74HCU04T14 Datasheet HTML 1Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 2Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 3Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 4Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 5Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 6Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 7Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 8Page - Diodes Incorporated 74HCU04T14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74HCU04
Document number: DS35328 Rev. 3 - 2
2 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HCU04
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
VCC
Supply Voltage
Logic Diagram
1
2
1Y
1A
3
4
2Y
2A
5
6
3Y
3A
9
8
4Y
4A
11
10
5Y
5A
13
12
6Y
6A
Function Table
Input
Output
A
Y
H
L
L
H


유사한 부품 번호 - 74HCU04T14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

유사한 설명 - 74HCU04T14

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com